Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB3N3011 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NB3N3011
Descripción  3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB3N3011 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NB3N3011
http://onsemi.com
5
APPLICATION INFORMATION
Power Supply Filtering
The NB3N3011 is a mixed analog/digital product, and as
such, it exhibits some sensitivities that would not necessarily
be seen on a fully digital product. Analog circuitry is
naturally susceptible to random noise, especially if this noise
is seen on the power supply pins. The NB3N3011 also
generates sub−nanosecond output edge rates, and therefore,
a good power supply bypassing scheme is a must.
The NB3N3011 provides separate power supplies for the
digital circuitry (VCC) and the internal PLL (VCCA). The
simplest form of noise isolation is a power supply filter on
the VCCA pin.
Figure 8 illustrates a typical power supply filter scheme.
The parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL.
The purpose of this design technique is to try and isolate
the high switching noise of the digital outputs from the
relatively sensitive internal analog phase−locked loop. The
power supply filter and bypass schemes discussed in this
section should be adequate to eliminate power supply
noise−related problems in most designs.
Crystal Oscillator Input Interface
The NB3N3011 features an integrated crystal oscillator to
minimize system implementation costs. The oscillator
circuit is a parallel resonant circuit and thus, for optimum
performance, a parallel resonant crystal should be used.
As the oscillator is somewhat sensitive to loading on its
inputs, the user is advised to mount the crystal as close to the
NB3N3011 as possible to avoid any board level parasitics.
Surface mount crystals are recommended, but not required.
Figure 9 illustrates a parallel resonant crystal with its
associated load capacitors. The capacitor values shown were
determined using a 26.5625 MHz, 18 pF parallel resonant
crystal and were chosen to minimize the ppm error.
Capacitor values can be adjusted slightly for different board
layouts to optimize accuracy.
Figure 8. Power Supply Filtering
3.3 V
0.01 mF
0.01 mF
10 mF
10 W
VCC
VCCA
Figure 9. Crystal Input Interface
C1
33 pF
X1
18 pF
C2
27 pF
Parallel Crystal
XOUT
XIN
APPLICATION SCHEMATIC
Figure 10 shows a schematic example of the NB3N3011.
An example of LVPECL termination is shown in this
schematic. Additional LVPECL termination approaches are
shown in the AND8020 Application Note. In this example,
an 18 pF parallel resonant 26.5625MHz crystal is used for
generating 106.25 MHz output frequency. The C1 = 27 pF
and C2 = 33 pF are recommended for frequency accuracy.
For different board layout, the C1 and C2 values may be
slightly adjusted for optimizing frequency accuracy.
Figure 10. Typical Application Schematic
R2
10
33 pF
R6
82.5
+
U1
1
2
3
4
8
7
6
5
R3
133
X1
Q
C5
C4
C1
27 pF
R5
133
VCCA
VCC
ZO = 50 W
ZO = 50 W
R4
82.5
VCC
18 pF
C3
0.01 mF
10 mF
VCC
VCCA
C2
VEE
0.1 m
Q
NC
Q
Q
XOUT
XIN
VCC
VCC = 3.3 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn