Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB3N3011 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. NB3N3011
Descripción  3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB3N3011 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 0
1
Publication Order Number:
NB3N3011/D
NB3N3011
3.3 V 100 MHz / 106.25 MHz
PureEdge Clock Generator
with LVPECL Differential
Output
Description
The NB3N3011 is a Fibre Channel Clock Generator and uses a
26.5625 MHz crystal to synthesize 106.25 MHz or a 25 MHz crystal
to synthesize 100 MHz. The NB3N3011 has excellent <1 ps phase
jitter performance over the 637 kHz – 10 MHz integration range. The
NB3N3011 is packaged in an 8−Pin 4.4 mm x 3.0 mm TSSOP, making
it ideal for use in systems with limited board space.
Features
PureEdge Clock Family Provides Accuracy and Precision
One Differential LVPECL Output
Crystal Oscillator Interface Designed for Fundamental Mode 18 pF
Parallel Resonant Crystal (25 MHz or 26.5625 MHz)
Output Frequency: 106.25 MHz (26.5625 MHz Crystal) or 100 MHz
(25 MHz Crystal)
VCO Range: 760 MHz − 950 MHz
RMS Phase Jitter @ 100 MHz, using a 25 MHz Crystal
(637 kHz − 10 MHz): 0.29 ps (Typical)
RMS Phase Noise at 106.25 MHz
Phase noise:
Offset Noise Power
100 Hz −108 dBc/Hz
1 kHz −122 dBc/Hz
10 kHz −135 dBc/Hz
100 kHz −135 dBc/Hz
3.3 V Power Supply
−40°C to 85°C Ambient Operating Temperature
These are Pb−Free Devices*
Figure 1. Logic Diagram
Phase
Detector
Charge
Pump
N =B8
M = B32
Crystal
Oscillator
Q
Q
XIN
XOUT
VCO
850 MHz
w/26.5625
MHz Ref.
25 MHz
or
26.5625 MHz
LVPECL
Output
100 MHz
or
106.25 MHz
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAM
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
TSSOP−8
DT SUFFIX
CASE 948S
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
311
YWW
AG


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn