Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2815 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADN2815
Descripción Electrónicos  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2815 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2815 Datasheet HTML 2Page - Analog Devices ADN2815 Datasheet HTML 3Page - Analog Devices ADN2815 Datasheet HTML 4Page - Analog Devices ADN2815 Datasheet HTML 5Page - Analog Devices ADN2815 Datasheet HTML 6Page - Analog Devices ADN2815 Datasheet HTML 7Page - Analog Devices ADN2815 Datasheet HTML 8Page - Analog Devices ADN2815 Datasheet HTML 9Page - Analog Devices ADN2815 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADN2815
Rev. 0 | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF =
0.47 μF, SLICEP = SLICEN = VEE, unless otherwise noted.
Table 4.
Parameter
Rating
Supply Voltage (VCC)
4.2 V
Minimum Input Voltage (All Inputs)
VEE − 0.4 V
Maximum Input Voltage (All Inputs)
VCC + 0.4 V
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stress above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
32-LFCSP, 4-layer board with exposed paddle soldered to VEE,
θJA = 28°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - ADN2815

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2815 AD-ADN2815 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
More results

Descripción similar - ADN2815

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com