Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADN2815 Datasheet(PDF) 8 Page - Analog Devices

No. de Pieza. ADN2815
Descripción  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADN2815 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADN2815
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TEST1 1
VCC 2
VREF 3
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
24 VCC
23 VEE
22 NC
21 SDA
20 SCK
19 SADDR5
18 VCC
17 VEE
NIN 4
PIN 5
NC 6
NC 7
VEE 8
ADN2815*
* THERE IS AN EXPOSED PAD ON THE BOTTOM OF
THE PACKAGE THAT MUST BE CONNECTED TO GND.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
TEST1
Connect to VCC.
2
VCC
P
Power for Limiting Amplifier, LOS.
3
VREF
AO
Internal VREF Voltage. Decouple to GND with a 0.1 μF capacitor.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6, 7
NC
No Connect.
8
VEE
P
GND for Limiting Amplifier, LOS.
9
NC
No Connect.
10
REFCLKP
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
11
REFCLKN
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
12
VCC
P
VCO Power.
13
VEE
P
VCO GND.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
LOL
DO
Loss-of-Lock Indicator. LVTTL active high.
17
VEE
P
FLL Detector GND.
18
VCC
P
FLL Detector Power.
19
SADDR5
DI
Slave Address Bit 5.
20
SCK
DI
I2C Clock Input.
21
SDA
DI
I2C Data Input.
22
NC
No Connect.
23
VEE
P
Output Buffer, I2C GND.
24
VCC
P
Output Buffer, I2C Power.
25
CLKOUTN
DO
Differential Recovered Clock Output. LVDS.
26
CLKOUTP
DO
Differential Recovered Clock Output. LVDS.
27
SQUELCH
DI
Disable Clock and Data Outputs. Active high. LVTTL.
28
DATAOUTN
DO
Differential Recovered Data Output. LVDS.
29
DATAOUTP
DO
Differential Recovered Data Output. LVDS.
30
VEE
P
Phase Detector, Phase Shifter GND.
31
VCC
P
Phase Detector, Phase Shifter Power.
32
TEST2
Connect to VCC.
Exposed Pad
Pad
P
Connect to GND.
1 Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn