Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2815 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADN2815
Descripción Electrónicos  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2815 Datasheet(HTML) 1 Page - Analog Devices

  ADN2815 Datasheet HTML 1Page - Analog Devices ADN2815 Datasheet HTML 2Page - Analog Devices ADN2815 Datasheet HTML 3Page - Analog Devices ADN2815 Datasheet HTML 4Page - Analog Devices ADN2815 Datasheet HTML 5Page - Analog Devices ADN2815 Datasheet HTML 6Page - Analog Devices ADN2815 Datasheet HTML 7Page - Analog Devices ADN2815 Datasheet HTML 8Page - Analog Devices ADN2815 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Continuous Rate 10 Mb/s to 1.25 Gb/s
Clock and Data Recovery IC
ADN2815
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Serial data input: 10 Mb/s to 1.25 Gb/s
Exceeds SONET requirements for jitter transfer/
generation/tolerance
Patented clock recovery architecture
No reference clock required
Loss-of-lock indicator
I2C® interface to access optional features
Single-supply operation: 3.3 V
Low power: 390 mW typical
5 mm × 5 mm 32-lead LFCSP, Pb free
APPLICATIONS
SONET OC-1/-3/-12 and all associated FEC rates
Fibre Channel, GbE, HDTVs
WDM transponders
Regenerators/repeaters
Test equipment
Broadband crossconnects and routers
GENERAL DESCRIPTION
The ADN2815 provides the receiver functions of quantization
and clock and data recovery for continuous data rates from
10 Mb/s to 1.25 Gb/s. The ADN2815 automatically locks to all
data rates without the need for an external reference clock or
programming. All SONET jitter requirements are met,
including jitter transfer, jitter generation, and jitter tolerance.
All specifications are quoted for −40°C to +85°C ambient
temperature, unless otherwise noted.
The ADN2815 is available in a compact 5 mm × 5 mm 32-lead
LFCSP.
FUNCTIONAL BLOCK DIAGRAM
2
LOL
DATAOUTP/
DATAOUTN
DRVEE DVCC
DRVCC
DVEE
ADN2815
CLKOUTP/
CLKOUTN
2
VCC
VEE
CF1
CF2
PIN
NIN
VREF
BUFFER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY
DETECT
DATA
RE-TIMING
LOOP
FILTER
LOOP
FILTER
REFCLKP/REFCLKN
(OPTIONAL)
Figure 1.


Número de pieza similar - ADN2815

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2815 AD-ADN2815 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
More results

Descripción similar - ADN2815

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com