Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADN2815 Datasheet(PDF) 11 Page - Analog Devices

No. de Pieza. ADN2815
Descripción  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADN2815 Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADN2815
Rev. 0 | Page 11 of 24
JITTER SPECIFICATIONS
The ADN2815 CDR is designed to achieve the best bit-error-
rate (BER) performance and exceeds the jitter transfer, genera-
tion, and tolerance specifications proposed for SONET/SDH
equipment defined in the Telcordia Technologies specification.
Jitter is the dynamic displacement of digital signal edges from
their long-term average positions, measured in unit intervals
(UI), where 1 UI = 1 bit period. Jitter on the input data can
cause dynamic phase errors on the recovered clock sampling
edge. Jitter on the recovered clock causes jitter on the
retimed data.
The following sections briefly summarize the specifications of
jitter generation, transfer, and tolerance in accordance with the
Telcordia document (GR-253-CORE, Issue 3, September 2000)
for the optical interface at the equipment level and the
ADN2815 performance with respect to those specifications.
Jitter Generation
The jitter generation specification limits the amount of jitter
that can be generated by the device with no jitter and wander
applied at the input. For SONET devices, the jitter generated
must be less than 0.01 UI rms, and must be less than 0.1 UI p-p.
Jitter Transfer
The jitter transfer function is the ratio of the jitter on the output
signal to the jitter applied on the input signal vs. the frequency.
This parameter measures the limited amount of the jitter on an
input signal that can be transferred to the output signal (see
Figure 11).
0.1
ACCEPTABLE
RANGE
fC
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 11. Jitter Transfer Curve
Jitter Tolerance
The jitter tolerance is defined as the peak-to-peak amplitude of
the sinusoidal jitter applied on the input signal, which causes a
1 dB power penalty. This is a stress test intended to ensure that
no additional penalty is incurred under the operating
conditions (see Figure 12).
15.00
1.50
0.15
f0
f1
f2
f3
f4
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 12. SONET Jitter Tolerance Mask


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn