Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADN2815 Datasheet(PDF) 19 Page - Analog Devices

No. de Pieza. ADN2815
Descripción  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADN2815 Datasheet(HTML) 19 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADN2815
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. The
VEE pins should be soldered directly to the ground plane to
reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance, especially on Pin 23, which is the ground return for
the output buffers. The exposed pad should be connected to the
GND plane using plugged vias so that solder does not leak
through the vias during reflow.
Use of a 22 μF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 μF and 1 nF ceramic chip capacitors, they
should be placed between the IC power supply VCC and VEE,
as close as possible to the ADN2815 VCC pins.
If connections to the supply and ground are made through vias,
the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 24, which supplies power to the
high speed CLKOUTP/CLKOUTN and DATAOUTP/
DATAOUTN output buffers. Refer to Figure 19 for the
recommended connections.
By using adjacent power supply and GND planes, excellent high
frequency decoupling can be realized by using close spacing
between the planes. This capacitance is given by
( )
pF
ε
.
A/d
C
r
PLANE
88
0
=
where:
ε
r
is the dielectric constant of the PCB material.
A is the area of the overlap of power and GND planes (cm2).
d is the separation between planes (mm).
For FR-4, εr = 4.4 mm and 0.25 mm spacing, C ~15 pF/cm2.
50
Ω TRANSMISSION LINES
DATAOUTP
DATAOUTN
CLKOUTP
CLKOUTN
0.1
μF
22
μF
1nF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.47
μF ±20%
>300M
Ω INSULATION RESISTANCE
1nF
1nF
1nF
0.1
μF
1nF
+
VCC
50
Ω
50
Ω
OPTICAL
TRANSCEIVER
MODULE
VCC
μC
I2C CONTROLLER
I2C CONTROLLER
VCC
VCC
1
TEST1
2
VCC
3
VREF
4
NIN
5
PIN
6
NC
7
NC
8
VEE
24
VCC
23
VEE
22
NC
21
SDA
20
SCK
19
SADDR5
18
VCC
17
VEE
EXPOSED PAD
TIED OFF TO
VEE PLANE
WITH VIAS
Figure 19. Typical ADN2815 Applications Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn