Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB4L858M Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NB4L858M
Descripción  2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB4L858M Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB4L858M
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, CLOCK INPUTS, CML OUTPUTS VCC = 2.3 V to 3.6 V, GND = 0 V TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current
130
190
mA
Voutdiff
CML Differential Output Swing (Note 3) No Load
Loaded 50
W to VCC
640
800
400
1000
mV
VOH
Output HIGH Voltage (No Load)
VCC−40
VCC−10
VCC
mV
VOL
Output LOW Voltage (No Load)
VCC−1000
VCC−800
VCC−650
mV
RTOUT
Output Source Resistance Qx or Qx
40
50
60
W
VIH
Input HIGH Voltage
1600
VCC
mV
VIL
Input LOW Voltage
1500
VCC−100
mV
VID
Differential Input Voltage (VIHD − VILD)
100
1600
mV
RTIN
Input Termination Resistance Dx or Dx to VTDx
40
50
60
W
LVTTL CONTROL INPUT PINS
VIH
Input HIGH Voltage (LVTTL Inputs)
2000
mV
VIL
Input LOW Voltage (LVTTL Inputs)
800
mV
IIH
Input HIGH Current (LVTTL inputs)
−10
10
mA
IIL
Input LOW Current (LVTTL Inputs)
−10
10
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. CML outputs require 50
W receiver termination resistors to VCC for proper operation.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn