Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2818ACP-RL7 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADN2818ACP-RL7
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2818ACP-RL7 Datasheet(HTML) 2 Page - Analog Devices

  ADN2818ACP-RL7 Datasheet HTML 1Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 2Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 3Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 4Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 5Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 6Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 7Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 8Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 2 of 35
TABLE OF CONTENTS
Specifications..................................................................................... 3
Jitter Specifications....................................................................... 4
Output and Timing Specifications ............................................. 5
Absolute Maximum Ratings............................................................ 6
Thermal Characteristics .............................................................. 7
ESD Caution.................................................................................. 7
Timing Characteristics..................................................................... 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
I2C Interface Timing and Internal Register Description........... 11
Terminology .................................................................................... 15
Jitter Specifications ......................................................................... 16
Jitter Generation ......................................................................... 16
Jitter Transfer............................................................................... 16
Jitter Tolerance ............................................................................ 16
Theory of Operation ...................................................................... 17
Functional Description.................................................................. 19
Frequency Acquisition............................................................... 19
Limiting Amplifier ..................................................................... 20
Slice Adjust.................................................................................. 20
Loss of Signal (LOS) Detector .................................................. 20
Lock Detector Operation .......................................................... 19
Harmonic Detector .................................................................... 20
Squelch Mode ............................................................................. 21
I2C Interface ............................................................................... 21
Reference Clock (Optional) ...................................................... 21
Applications Information .............................................................. 27
PCB Design Guidelines ............................................................. 27
DC-Coupled Application .......................................................... 29
Coarse Data Rate Readback Look-Up Table............................... 31
Outline Dimensions ....................................................................... 33
Ordering Guide .......................................................................... 33
REVISION HISTORY
Revision 0: Initial Version
Revision A: Remove Minimum Supply Current Spec
Revision B: Update spec table


Número de pieza similar - ADN2818ACP-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Descripción similar - ADN2818ACP-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com