Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NB4N527S Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza NB4N527S
Descripción Electrónicos  3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N527S Datasheet(HTML) 5 Page - ON Semiconductor

  NB4N527S Datasheet HTML 1Page - ON Semiconductor NB4N527S Datasheet HTML 2Page - ON Semiconductor NB4N527S Datasheet HTML 3Page - ON Semiconductor NB4N527S Datasheet HTML 4Page - ON Semiconductor NB4N527S Datasheet HTML 5Page - ON Semiconductor NB4N527S Datasheet HTML 6Page - ON Semiconductor NB4N527S Datasheet HTML 7Page - ON Semiconductor NB4N527S Datasheet HTML 8Page - ON Semiconductor NB4N527S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB4N527S
http://onsemi.com
5
Table 5. AC CHARACTERISTICS VCC = 3.0 V to 3.6 V, GND = 0 V; (Note 10)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP
Output Voltage Amplitude (@ VINPPmin)fin ≤ 1.0 GHz
(Figure 4)
fin= 1.5 GHz
220
200
350
300
220
200
350
300
220
200
350
300
mV
fDATA
Maximum Operating Data Rate
1.5
2.5
1.5
2.5
1.5
2.5
Gb/s
tPLH,
tPHL
Differential Input to Differential Output
Propagation Delay
270
370
470
270
370
470
270
370
470
ps
tSKEW
Duty Cycle Skew (Note 11)
Within Device Skew (Note 17)
Device−to−Device Skew (Note 15)
8
5
30
45
25
100
8
5
30
45
25
100
8
5
30
45
25
100
ps
tJITTER
RMS Random Clock Jitter (Note 13)
fin = 1.0 GHz
fin = 1.5 GHz
Deterministic Jitter (Note 14)
fDATA = 622 Mb/s
fDATA = 1.5 Gb/s
fDATA = 2.488 Gb/s
Crosstalk Induced Jitter (Note 16)
0.5
0.5
6
7
10
20
1
1
20
20
25
40
0.5
0.5
6
7
10
20
1
1
20
20
25
40
0.5
0.5
6
7
10
20
1
1
20
20
25
40
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 12)
100
VCC
GND
100
VCC
GND
100
VCC
GND
mV
tr
tf
Output Rise/Fall Times @ 250 MHz
Q, Q
(20% − 80%)
60
100
140
60
100
140
60
100
140
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10. Measured by forcing VINPPmin with 50% duty cycle clock source and VCC − 1400 mV offset. All loading with an external RL = 100 W across
“D” and “D” of the receiver. Input edge rates 150 ps (20%−80%).
11. See Figure 13 differential measurement of tskew = |tPLH − tPHL| for a nominal 50% differential clock input waveform @ 250 MHz.
12. Input voltage swing is a single−ended measurement operating in differential mode.
13. RMS jitter with 50% duty cycle input clock signal.
14. Deterministic jitter with input NRZ data at PRBS 223−1 and K28.5.
15. Skew is measured between outputs under identical transition @ 250 MHz.
16. Crosstalk induced jitter is the additive deterministic jitter to channel one with channel two active both running at 622 Gb/s PRBS 223 −1 as
an asynchronous signals.
17. The worst case condition between Q0/Q0 and Q1/Q1 from either D0/D0 or D1/D1, when both outputs have the same transition.
INPUT CLOCK FREQUENCY (GHz)
Figure 4. Output Voltage Amplitude (VOUTPP) versus
Input Clock Frequency (fin) and Temperature (@ VCC = 3.3 V)
0
50
100
150
200
250
300
350
400
0.5
1
1.5
2
2.5
3
0
85
°C
−40
°C
25
°C


Número de pieza similar - NB4N527S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
More results

Descripción similar - NB4N527S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB4N855S ONSEMI-NB4N855S_06 Datasheet
187Kb / 9P
   3.3 V, 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator
April, 2006 ??Rev. 2
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
logo
ON Semiconductor
NB7L216 ONSEMI-NB7L216 Datasheet
264Kb / 12P
   2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2006 ??Rev. 2
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com