Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2865 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADN2865
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 7Page - Analog Devices ADN2865 Datasheet HTML 8Page - Analog Devices ADN2865 Datasheet HTML 9Page - Analog Devices ADN2865 Datasheet HTML 10Page - Analog Devices ADN2865 Datasheet HTML 11Page - Analog Devices ADN2865 Datasheet HTML 12Page - Analog Devices ADN2865 Datasheet HTML 13Page - Analog Devices ADN2865 Datasheet HTML 14Page - Analog Devices ADN2865 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Preliminary Technical Data
ADN2865
Rev. PrA | Page 11 of 33
Table 5. Pin Function Descriptions
Pin #
Mnemonic
Type
Description
1
SDOUT
DO
Active high, Loss of signal indicator. (LVTTL)
2
RXDATN1
DO
Differential receive data output. (LVDS)
3
RXDATP1
DO
Differential receive data output. (LVDS)
4
RXDATN0
DO
Differential receive data output. Last bit received. (LVDS)
5
RXDATP0
DO
Differential receive data output. Last bit received. (LVDS)
6
VCC3
PWR
Power for CDR & Serialiser
7
VCC7
PWR
Power for CML drivers
8SERDATN
DO
Differential serialized data output to LDD. (CML)
9SERDATP
DO
Differential serialized data output to LDD. (CML)
10
SERCLKN
DO
Differential clock for serialized Tx data. (CML)
11
SERCLKP
DO
Differential clock for serialized Tx data. (CML)
12
TXDAT7
DI
Transmit data input. First bit sent. (LVTTL)
13
TXDAT6
DI
Transmit data input. (LVTTL)
14
TXDAT5
DI
Transmit data input. (LVTTL)
15
TXDAT4
DI
Transmit data input. (LVTTL)
16
TXCLK
DI
Qualifying clock for transmit data input. (LVTTL)
17
TXDAT3
DI
Transmit data input. (LVTTL)
18
TXDAT2
DI
Transmit data input. (LVTTL)
19
TXDAT1
DI
Transmit data input. (LVTTL)
20
TXDAT0
DI
Transmit data input. Last bit sent. (LVTTL)
21
VREG
AO
Decoupling node for VCO power.
22
CF1
AO
PLL loop filter capacitor.
23
VEE2
PWR
Ground for VCO / PLL / Gm
24
VCC2
PWR
Power for VCO / PLL / Gm
25
VEE4
PWR
Ground for FLL
26
VCC4
PWR
Power for FLL
27
REFN
DI
Reference clock input. (LVDS/LVTTL)
28
REFP
DI
Reference clock input. (LVDS/LVTTL)
29
THRADJ
AO
LOS Threshold Setting Resistor.
30
LOL
DO
Active high, Loss-of-Lock Indicator. (LVTTL)
31
VEE1
PWR
Ground for Limamp / LOS
32
SLICEN
AI
Differential Slice Level Adjust Input.
33
SLICEP
AI
Differential Slice Level Adjust Input.
34
NIN
AI
Differential serial input to Limiting Amp. (CML)
35
PIN
AI
Differential serial input to Limiting Amp. (CML)
36
VREF
AO
Decoupling node for internal voltage reference.
37
VCC1
PWR
Power for Limamp / LOS
38
SCK
DI
I2C Serial Clock Input.
39
VCC6
PWR
Power for Deserialiser, LVDS pre-drivers
40
SDA
DI
I2C Serial Data Input.
41
RXCLKN
DO
Qualifying clock for Rx Data Outputs. (LVDS)
42
RXCLKP
DO
Qualifying clock for Rx Data Outputs. (LVDS)
43
RXDATN7
DO
Differential receive data output. Last bit received. (LVDS)
44
RXDATP7
DO
Differential receive data output. Last bit received. (LVDS)
45
VCC5
PWR
Power for LVDS drivers
46
RXDATN6
DO
Differential receive data output. (LVDS)
47
RXDATP6
DO
Differential receive data output. (LVDS)
48
RXDATN5
DO
Differential receive data output. (LVDS)
49
RXDATP5
DO
Differential receive data output. (LVDS)
50
VCC5
PWR
Power for LVDS Drivers
51
RXDATN4
DO
Differential receive data output. (LVDS)
52
RXDATP4
DO
Differential receive data output. (LVDS)
53
RXDATN3
DO
Differential receive data output. (LVDS)
54
RXDATP3
DO
Differential receive data output. (LVDS)
55
RXDATN2
DO
Differential receive data output. (LVDS)
56
RXDATP2
DO
Differential receive data output. (LVDS)
1Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.


Número de pieza similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com