Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2865 Datasheet(PDF) 16 Page - Analog Devices

No. de pieza ADN2865
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 12Page - Analog Devices ADN2865 Datasheet HTML 13Page - Analog Devices ADN2865 Datasheet HTML 14Page - Analog Devices ADN2865 Datasheet HTML 15Page - Analog Devices ADN2865 Datasheet HTML 16Page - Analog Devices ADN2865 Datasheet HTML 17Page - Analog Devices ADN2865 Datasheet HTML 18Page - Analog Devices ADN2865 Datasheet HTML 19Page - Analog Devices ADN2865 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ADN2865
Preliminary Technical Data
Rev. PrA | Page 16 of 33
TERMINOLOGY
Input Sensitivity and Input Overdrive
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure . For sufficiently large positive input voltage,
the output is always Logic 1 and, similarly for negative inputs,
the output is always Logic 0. However, the transitions between
output Logic Levels 1 and 0 are not at precisely defined input
voltage levels, but occur over a range of input voltages. Within
this range of input voltages, the output might be either 1 or 0, or
it might even fail to attain a valid logic state. The width of this
zone is determined by the input voltage noise of the quantizer.
The center of the zone is the quantizer input offset voltage.
Input overdrive is the magnitude of signal required to guarantee
the correct logic level with 1 × 10−10 confidence level.
NOISE
OUTPUT
INPUT (V p-p)
OFFSET
OVERDRIVE
SENSITIVITY
(2
× OVERDRIVE)
1
0
Figure 14. Input Sensitivity and Input Overdrive
Single-Ended vs. Differential
AC coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc biased to a common-
mode potential of ~2.5 V. Driving the ADN2865 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure shows a binary signal with an
average value equal to the common-mode potential and
instantaneous values both above and below the average value. It
is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure , because both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive. The ADN2865 quantizer typically has
6 mV p-p sensitivity.
PIN
50
50
VREF
Quantizer
+
-
VREF
10mVp-p
scope
probe
3k
2.5V
Figure 15. Single-Ended Sensitivity Measurement
Driving the ADN2865 differentially (see Figure ), sensitivity
seems to improve from observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2865 quantizer. However, the single-ended probe
measures only half the signal. The true quantizer input signal is
twice this value, because the other quantizer input is a comple-
mentary signal to the signal being observed.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
QUANTIZER
+
NIN
5mV p-p
VREF
5mV p-p
VREF
Figure 16. Differential Sensitivity Measurement
LOS Response Time
LOS response time is the delay between removal of the input
signal and indication of loss of signal (LOS) at the LOS output,
Pin 22. When the inputs are dc-coupled, the LOS assert time of
the AD2817 is 500 ns typically and the de-assert time is 400 ns
typically,. In practice, the time constant produced by the ac
coupling at the quantizer input and the 50 Ω on-chip input
termination determines the LOS response time.


Número de pieza similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com