Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2865 Datasheet(PDF) 20 Page - Analog Devices

No. de pieza ADN2865
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 16Page - Analog Devices ADN2865 Datasheet HTML 17Page - Analog Devices ADN2865 Datasheet HTML 18Page - Analog Devices ADN2865 Datasheet HTML 19Page - Analog Devices ADN2865 Datasheet HTML 20Page - Analog Devices ADN2865 Datasheet HTML 21Page - Analog Devices ADN2865 Datasheet HTML 22Page - Analog Devices ADN2865 Datasheet HTML 23Page - Analog Devices ADN2865 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ADN2865
Preliminary Technical Data
Rev. PrA | Page 20 of 33
FUNCTIONAL DESCRIPTION
SERDES
The ADN2865 has an integrated serializer / deserializer and
clock divider which allows the continuous rate CDR to interface
directly to an FPGA or digital ASIC, such a s a Media Access
Controller (MAC), resulting in power and space savings.
The recovered clock is divided by 16 and is used to transfer 8
bits of receive data to the MAC on both the rising and falling
edge. Both RXCLKP/N and RXDATAP/N[7:0] use LVDS
signaling for noise reasons and have a relative phase which is
adjustable via the I2C interface, per table 12 on page 14.
Half rate (1.25Gb/s) transmit data can also be serialised by the
ADN2865 at the CML output using the recovered clock from
the receive channel. An optional CML clock output is available.
The parallel interface consists of 8 LVCMOS / LVTTL inputs
with an optional TXCLK at the divde by 8 rate. Two timing
modes are available, sync mode and align mode.
Sync Mode
This is the default mode of operation. and does not require a
TXCLK signal. Instead, TXDATA[7:0] is timed from RXCLK
and the round trip delay between these signals must meet the
setup and hold time requirement specified in table 3 to avoid
corrupting the serial bit stream. Sync mode is useful in
applications which require a stable timing relationship between
the input and output serial bit streams.
Align Mode
This mode is controlled using the I2C interface and requires the
use of TXCLK which is used to latch TXDATA internally.
When enabled, align mode centers this latched data with
respect to the internal divide by 8 sampling clock, which can
render the interface less sensitive to variation in the timing of
TXDATA[7:0] relative to RXCLK. In a typical application, the
propagation delay between RXCLK and TXDATA[7:0] will vary
with process, temperature and supply voltage through the
external MAC device. This variation can be calibrated out by
enabling and then disabling align mode. The downside to using
align mode is that the calibration process leads to additional
uncertainty in the serial bit timing relative to the input bit
stream by +/- 1 UI. In align mode, it is necessary to meet the
setup and hold time for TXDATA[7:0] relative to TXCLK.
Bit order reversal is supported for both the receive and transmit
parallel buses using the I2C interface.
EDGE
DETECTOR
RESET
COUNTER
TXDATA[7:0]
TXCLK
REGISTER
SERIALISER
REGISTER
ALIGN
MODE
DIVIDE
BY 8
Dn+1[7:0]
Dn[7:0]
TXCLK
DIV BY 8
Figure 21. Align Mode Operation
FREQUENCY ACQUISITION
The ADN2865 acquires frequency from the data over a range of
data frequencies from 12.3 Mb/s to 2.7 Gb/s. The lock detector
circuit compares the frequency of the VCO and the frequency
of the incoming data. When these frequencies differ by more
than 1000 ppm, LOL is asserted. This initiates a frequency
acquisition cycle. The VCO frequency is reset to the bottom of
its range, which is 12.3 MHz. The frequency detector then
compares this VCO frequency and the incoming data frequency
and increments the VCO frequency, if necessary. Initially, the
VCO frequency is incremented in large steps to aid fast acquisi-
tion. As the VCO frequency approaches the data frequency, the
step size is reduced until the VCO frequency is within 250 ppm
of the data frequency, at which point LOL is de-asserted.
Once LOL is de-asserted, the frequency-locked loop is turned
off. The PLL/DLL pulls in the VCO frequency the rest of the
way until the VCO frequency equals the data frequency.
The frequency loop requires a single external capacitor between
CF1 and CF2, Pins 14 and 15. A 0.47 μF ± 20%, X7R ceramic
chip capacitor with < 10 nA leakage current is recommended.
Leakage current of the capacitor can be calculated by dividing
the maximum voltage across the 0.47 μF capacitor, ~3 V, by the
insulation resistance of the capacitor. The insulation resistance
of the 0.47 uF capacitor should be greater than 300 MΩ
LOCK DETECTOR OPERATION
The lock detector on the ADN2865 has three modes of
operation: normal mode, REFCLK mode, and static LOL mode.
Normal Mode
In normal mode, the ADN2865 is a continuous rate CDR that
locks onto any data rate from 12.3 Mb/s to 2.7 Gb/s without the
use of a reference clock as an acquisition aid. In this mode, the
lock detector monitors the frequency difference between the
VCO and the input data frequency, and de-asserts the loss of
lock signal, which appears on LOL Pin 30, when the VCO is


Número de pieza similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com