Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2865 Datasheet(PDF) 24 Page - Analog Devices

No. de pieza ADN2865
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 20Page - Analog Devices ADN2865 Datasheet HTML 21Page - Analog Devices ADN2865 Datasheet HTML 22Page - Analog Devices ADN2865 Datasheet HTML 23Page - Analog Devices ADN2865 Datasheet HTML 24Page - Analog Devices ADN2865 Datasheet HTML 25Page - Analog Devices ADN2865 Datasheet HTML 26Page - Analog Devices ADN2865 Datasheet HTML 27Page - Analog Devices ADN2865 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ADN2865
Preliminary Technical Data
Rev. PrA | Page 24 of 33
50 MHz, 50 MHz and 100 MHz, or 100 MHz and 200 MHz, the
user needs to configure the ADN2865 to use the correct
reference frequency range by setting two bits of the CTRLA
register, CTRLA[7:6].
Table 16. CTRLA Settings
CTRLA[7:6]
Range (MHz)
CTRLA[5:2]
Ratio
00
12.3 to 25
0000
1
01
25 to 50
0001
2
10
50 to 100
n
2n
11
100 to 200
1000
256
The user can specify a fixed integer multiple of the reference
clock to lock onto using CTRLA[5:2], where CTRLA should be
set to the data rate/DIV_FREF, where DIV_FREF represents the
divided-down reference referred to the 12.3 MHz to 25 MHz
band. For example, if the reference clock frequency was
38.88 MHz and the input data rate was 622.08 Mb/s, then
CTRLA[7:6] would be set to [01] to give a divided-down
reference clock of 19.44 MHz. CTRLA[5:2] would be set to
[0101], that is, 5, because
622.08 Mb/s/19.44 MHz = 25
In this mode, if the ADN2865 loses lock for any reason, it
relocks onto the reference clock and continues to output a stable
clock.
While the ADN2865 is operating in lock to reference mode, if
the user ever changes the reference frequency, the FREF range
(CTRLA[7:6]), or the FREF ratio (CTRLA[5:2]), this must be
followed by writing a 0 to 1 transition into the CTRLA[0] bit to
initiate a new lock to reference command.
Using the Reference Clock to Measure Data Frequency
The user can also provide a reference clock to measure the
recovered data frequency. In this case, the user provides a
reference clock, and the ADN2865 compares the frequency of
the incoming data to the incoming reference clock and returns a
ratio of the two frequencies to 0.01% (100 ppm). The accuracy
error of the reference clock is added to the accuracy of the
ADN2865 data rate measurement. For example, if a 100-ppm
accuracy reference clock is used, the total accuracy of the
measurement is within 200 ppm.
The reference clock can range from 12.3 MHz and 200 MHz.
The ADN2865 expects a reference clock between 12.3 MHz and
25 MHz by default. If it is between 25 MHz and 50 MHz,
50 MHz and 100 MHz, or 100 MHz and 200 MHz, the user
needs to configure the ADN2865 to use the correct reference
frequency range by setting two bits of the CTRLA register,
CTRLA[7:6]. Using the reference clock to determine the
frequency of the incoming data does not affect the manner in
which the part locks onto data. In this mode, the reference clock
is used only to determine the frequency of the data. For this
reason, the user does not need to know the data rate to use the
reference clock in this manner.
Prior to reading back the data rate using the reference clock, the
CTRLA[7:6] bits must be set to the appropriate frequency range
with respect to the reference clock being used. A fine data rate
readback is then executed as follows:
Step 1: Write a 1 to CTRLA[1]. This enables the fine data rate
measurement capability of the ADN2865. This bit is level
sensitive and does not need to be reset to perform subsequent
frequency measurements.
Step 2: Reset MISC[2] by writing a 1 followed by a 0 to
CTRLB[3]. This initiates a new data rate measurement.
Step 3: Read back MISC[2]. If it is 0, then the measurement is
not complete. If it is 1, then the measurement is complete and
the data rate can be read back on FREQ[22:0]. The time for a
data rate measurement is typically 80 ms.
Step 4: Read back the data rate from registers FREQ2[6:0],
FREQ1[7:0], and FREQ0[7:0].
Use the following equation to determine the data rate:
[]
(
)
)
_
14
(
2
/
0
..
22
RATE
SEL
REFCLK
DATARATE
f
FREQ
f
+
×
=
where:
FREQ[22:0] is the reading from FREQ2[6:0] (MSByte),
FREQ1[7:0], and FREQ0[7:0] (LSByte).
Table 17.
D22
D21...D17
D16
D15
D14...D9
D8
D7
D6...D1
D0
FREQ2[6:0]
FREQ1[7:0]
FREQ0[7:0]
fDATARATE is the data rate (Mb/s).
fREFCLK is the REFCLK frequency (MHz).
SEL_RATE is the setting from CTRLA[7:6].
For example, if the reference clock frequency is 32 MHz,
SEL_RATE = 1, since the CTRLA[7:6] setting would be [01],
because the reference frequency would fall into the 25 MHz to
50 MHz range. Assume for this example that the input data rate
is 2.488 Gb/s (OC-48). After following Steps 1 through 4, the
value that is read back on FREQ[22:0] = 0x26E010, which is
equal to 2.5477 × 106. Plugging this value into the equation
yields
(
)
(
)
Gb/s
488
.
2
2
/
6
e
32
6
e
5477
.
2
)
1
14
(
=
×
+
If subsequent frequency measurements are required, CTRLA[1]
should remain set to 1. It does not need to be reset. The
measurement process is reset by writing a 1 followed by a 0 to
CTRLB[3]. This initiates a new data rate measurement. Follow
Steps 2 through 4 to read back the new data rate.
Note: A data rate readback is valid only if LOL is low. If LOL is
high, the data rate readback is invalid.


Número de pieza similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com