Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2865 Datasheet(PDF) 25 Page - Analog Devices

No. de pieza ADN2865
Descripción Electrónicos  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 21Page - Analog Devices ADN2865 Datasheet HTML 22Page - Analog Devices ADN2865 Datasheet HTML 23Page - Analog Devices ADN2865 Datasheet HTML 24Page - Analog Devices ADN2865 Datasheet HTML 25Page - Analog Devices ADN2865 Datasheet HTML 26Page - Analog Devices ADN2865 Datasheet HTML 27Page - Analog Devices ADN2865 Datasheet HTML 28Page - Analog Devices ADN2865 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Preliminary Technical Data
ADN2865
Rev. PrA | Page 25 of 33
Additional Features Available via the I2C Interface
Coarse Data Rate Readback
The data rate can be read back over the I2C interface to
approximately +10% without the need of an external reference
clock. A 9-bit register, COARSE_RD[8:0], can be read back
when LOL is de-asserted. The 8 MSBs of this register are the
contents of the RATE[7:0] register. The LSB of the
COARSE_RD register is Bit MISC[0].
Table provides coarse data rate readback to within ±10%.
Fi
LOS Configuration
The LOS detector output, LOS Pin 22, can be configured to be
either active high or active low. If CTRLC[2] is set to Logic 0
(default), the LOS pin is active high when a loss of signal
condition is detected. Writing a 1 to CTRLC[2] configures the
LOS pin to be active low when a loss of signal condition is
detected.
System Reset
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to the I2C Register Bit CTRLB[5]. This initiates a new
frequency acquisition while keeping the ADN2865 in the
operating mode that it was previously programmed to in
registers CTRL[A], CTRL[B], and CTRL[C].
FDDI Mode
A scheme has been implemented on the ADN2865 that enables
the device to lock to input data streams that appear as sub-
harmonics of the desired datarate, e.g. FDDI during link
synchronization. This works for any code where a subharmonic
down to the 31st is transmitted. FDDI uses the 5th
subharmonic. The implementation requires certain
programming by the user and more importantly certain
assumptions about the incoming data.
The user is required to program the part into FDDI mode by
setting bit FDDI_MODE[7]=1. The user then needs to program
the target datarate, (for FDDI this is 125MHz). This is done by
programming an upper and lower 9-bit code into I2C registers
HI_CODE[8..0], LO_CODE[8..0], and CODE_LSB[1..0]. See
Table XX for a look-up table showing the correct register
settings for each datarate. The user must also program the
subharmonic ratio into I2C register FDDI_MODE[6..2] that the
ADN2865 needs to lock on to, e.g. FDDI_MODE[6..2] = 00101
for FDDI (5th subharmonic). The user has to de-program FDDI
mode before the next datarate is applied.
Here is what is required of the incoming data:
1.
The subharmonic must be a clock-type waveform i.e.
transition density equal to 1 at the subharmonic
frequency.
2.
The subharmonic must be continued to be applied
until LOL goes LOW, i.e. until acquisition is
completed. It doesn't matter how long the
subharmonic remains after LOL goes LOW.
In FDDI Mode, the output of the ADN2865 is squelched until
the device has acquired lock of the subharmonic input. This
causes all zeros to be transmitted out of the 2865 until lock has
been achieved. Once locked, the outputs are enabled and begin
transmitting data. For FDDI protocol, this would be when the
'H' symbols are being transmitted during link synchronization.
CLK HOLDOVER MODE
CLK Holdover Mode 2A:
This mode of operation will be available in all LTD modes: The
output clock frequency will remain within +/-5% if the input
data is removed or changed. To operate in this mode, the user
would write to the I2C to put the part into CLK Holdover Mode
2A mode by setting SEL_MODE[2]=1. The user must then
initiate an acquisition via a software reset. The device will then
lock onto the input datarate. At this point the output frequency
remains within +/- 5% of the intial acquired value regardless of
whether or not the input data is taken away or the datarate
changes. Only a sw reset can initiate a new acquistion in this
mode.
CLK Holdover Mode 2B:
This mode is selected by setting SEL_MODE[1]=1. In this
mode, the output clock stays within +/-5% of the initial
acquired frequency, even if the input data is taken away. Unlike
CLK Holdover Mode 2A, in this mode the ADN2865 will
initiate a new frequency acquisition automatically if the input
datarate changes. This mode requires the inputs to be DC
coupled because if the inputs are AC coupled and the input is
taken away, any noise present on the inputs may be large
enough to trigger a new frequency acquisition which would
cause the clock output frequency to change.
CDR BYPASS MODE
The CDR on the ADN2865 can be bypassed by setting bit
CTRLD[7]=1. In this mode the ADN2865 will feed the input
directly through the input amplifiers to the output buffer,
completely bypassing the CDR.
DISABLE OUTPUT BUFFERS
The ADN2865 provides the option of disabling the output
buffers for power savings. The LVDS output buffers can be
disabled by setting CTRLD[6]=1. For additional power savings,
e.g. in a low power standby mode, the CML output buffers can
also be disabled by setting CTRLD[5]=1.


Número de pieza similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com