Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB6L611 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NB6L611
Descripción  2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB6L611 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NB6L611
http://onsemi.com
5
Table 5. AC CHARACTERISTICS VCC = 2.375 V to 3.63 V, VEE = 0 V, or VCC = 0 V, VEE = −2.375 V to −3.63 V,
TA = −40°C to +85°C; (Note 10)
Symbol
Characteristic
Min
Typ
Max
Unit
VOUTPP Output Voltage Amplitude (@ VINPP)fin ≤ 2.0 GHz
(Note 14) (See Figure 9)
2.0 GHz ≤ fin ≤ 3.0 GHz
3.0 GHz ≤ fin ≤ 4.0 GHz
520
320
170
600
500
400
mV
tPD
Propagation Delay
D to Q
225
280
375
ps
tSKEW
Duty Cycle Skew (Note 11)
Within Device Skew
Device to Device Skew (Note 12)
3
15
15
80
ps
tDC
Output Clock Duty Cycle
fin ≤ 4.0 GHz
(Reference Duty Cycle = 50%)
40
50
60
ps
tJITTER
RMS Random Clock Jitter (Note 13)
fin ≤ 4.0 GHz
0.2
0.5
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 14)
150
2800
mV
tr,tf
Output Rise/Fall Times @ 0.5 GHz (20% − 80%)
Q, Q
100
170
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Measured by forcing VINPP (MIN) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC − 2.0 V. Input edge rates
40 ps (20% − 80%).
11. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+ @ 0.5GHz.
12.Device to device skew is measured between outputs under identical transition @ 0.5 GHz.
13.Additive RMS jitter with 50% duty cycle clock signal.
14.Input and output voltage swing is a single−ended measurement operating in differential mode.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn