Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB2304A Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. NB2304A
Descripción  3.3 V Zero Delay Clock Buffer
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB2304A Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB2304A
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
−0.5
+7.0
V
DC Input Voltage (Except REF)
−0.5
VDD + 0.5
V
DC Input Voltage (REF)
−0.5
7
V
Storage Temperature
−65
+150
°C
Maximum Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage (per MIL−STD−883, Method 3015)
> 2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 4. OPERATING CONDITIONS FOR COMMERCIAL AND INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
Commercial
Industrial
0
−40
70
85
°C
CL
Load Capacitance, 15 MHz to 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
15
pF
CIN
Input Capacitance (Note 3)
7
pF
3. Applies to both REF Clock and FBK.
Table 5. ELECTRICAL CHARACTERISTICS FOR COMMERCIAL TEMPERATURE DEVICES
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0 V
50.0
mA
IIH
Input HIGH Current
VIN = VDD
100.0
mA
VOL
Output LOW Voltage
IOL = 8 mA (−1, −2)
IOL = 12 mA (−1H)
0.4
V
VOH
Output HIGH Voltage
IOH = −8 mA (−1, −2)
IOH = −12 mA (−1H)
2.4
V
IDD
Supply Current
Unloaded outputs 100 MHz REF
Select inputs at VDD or GND
45
mA
Unloaded outputs, 66 MHz REF (−1, −2)
32
Unloaded outputs, 33 MHz REF (−1, −2)
18


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn