Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT75BRMZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADT75BRMZ
Descripción Electrónicos  -1째C Accurate, 12-Bit Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADT75BRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT75BRMZ Datasheet HTML 6Page - Analog Devices ADT75BRMZ Datasheet HTML 7Page - Analog Devices ADT75BRMZ Datasheet HTML 8Page - Analog Devices ADT75BRMZ Datasheet HTML 9Page - Analog Devices ADT75BRMZ Datasheet HTML 10Page - Analog Devices ADT75BRMZ Datasheet HTML 11Page - Analog Devices ADT75BRMZ Datasheet HTML 12Page - Analog Devices ADT75BRMZ Datasheet HTML 13Page - Analog Devices ADT75BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT75
Rev. 0 | Page 10 of 24
THEORY OF OPERATION
CIRCUIT INFORMATION
The ADT75 is a 12-bit digital temperature sensor with the 12th bit
acting as the sign bit. An on-board temperature sensor generates a
voltage precisely proportional to absolute temperature that is
compared to an internal voltage reference and input to a precision
digital modulator. Overall accuracy for the ADT75 A Grade is
±2°C from −25°C to +100°C and accuracy for the ADT75 B Grade
is ±1°C from 0°C to +70°C. Both grades have excellent transducer
linearity. The serial interface is SMBus /I2C- compatible and the
open-drain output of the ADT75 is capable of sinking 3 mA.
The on-board temperature sensor has excellent accuracy and
linearity over the entire rated temperature range without
needing correction or calibration by the user.
The sensor output is digitized by a first-order ∑-Δ modulator,
also known as the charge balance type analog-to-digital
converter. This type of converter utilizes time-domain over-
sampling and a high accuracy comparator to deliver 12 bits of
effective accuracy in an extremely compact circuit.
CONVERTER DETAILS
The ∑-Δ modulator consists of an input sampler, a summing
network, an integrator, a comparator, and a 1-bit DAC. Similar
to the voltage-to-frequency converter, this architecture creates a
negative feedback loop and minimizes the integrator output by
changing the duty cycle of the comparator output in response to
input voltage changes. The comparator samples the output of
the integrator at a much higher rate than the input sampling
frequency; this is called oversampling. Oversampling spreads
the quantization noise over a much wider band than that of the
input signal, improving overall noise performance and
increasing accuracy.
Σ-Δ MODULATOR
INTEGRATOR
COMPARATOR
1-BIT
DAC
LPF DIGITAL
FILTER
CLOCK
GENERATOR
VOLTAGE REF
AND VPTAT
TEMPERATURE
VALUE
REGISTER
1-BIT
12-BIT
+
Figure 11. First-Order
∑-Δ Modulator
The modulated output of the comparator is encoded using a
circuit technique that results in SMBus/I2C temperature data.
FUNCTIONAL DESCRIPTION
The conversion clock for the part is generated internally. No
external clock is required except when reading from and
writing to the serial port. In normal mode, the internal clock
oscillator runs an automatic conversion sequence. During this
automatic conversion sequence, a conversion is initiated every
100 ms. At this time, the part powers up its analog circuitry and
performs a temperature conversion.
This temperature conversion typically takes 60 ms, after which
time the analog circuitry of the part automatically shuts down.
The analog circuitry powers up again 40 ms later, when the 100 ms
timer times out and the next conversion begins. The result of the
most recent temperature conversion is always available in the
temperature value register because the SMBus/I2C circuitry never
shuts down.
The ADT75 can be placed in shutdown mode via the
configuration register, in which case the on-chip oscillator is
shut down and no further conversions are initiated until the
ADT75 is taken out of shutdown mode. The ADT75 can be
taken out of shutdown mode by writing 0 to Bit D0 in the
configuration register. The ADT75 typically takes 1.7 ms to
come out of shutdown mode. The conversion result from the
last conversion prior to shutdown can still be read from the
ADT75 even when it is in shutdown mode.
In normal conversion mode, the internal clock oscillator is reset
after every read or write operation. This causes the device to
start a temperature conversion, the result of which is typically
available 60 ms later. Similarly, when the part is taken out of
shutdown mode, the internal clock oscillator is started and a
conversion is initiated.
The conversion result is typically available 60 ms later. Reading
from the device before a conversion is complete causes the
ADT75 to stop converting; the part starts again when serial
communication is finished. This read operation provides the
previous conversion result.
The measured temperature value is compared with a high
temperature limit, stored in the 16-bit TOS read/write register
and the hysteresis temperature limit, stored in the 16-bit
THYST read/write register. If the measured value exceeds these
limits then the OS/ALERT pin is activated. This OS/ALERT
pin is programmable for mode and polarity via the configura-
tion register.


Número de pieza similar - ADT75BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT75BRMZ AD-ADT75BRMZ Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT75BRMZ-REEL AD-ADT75BRMZ-REEL Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT75BRMZ-REEL7 AD-ADT75BRMZ-REEL7 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results

Descripción similar - ADT75BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com