Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DIM200PKM33-F000 Datasheet(PDF) 4 Page - Dynex Semiconductor

No. de pieza DIM200PKM33-F000
Descripción Electrónicos  IGBT Chopper Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200PKM33-F000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM200PKM33-F000 Datasheet HTML 1Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 2Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 3Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 4Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 5Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 6Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 7Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 8Page - Dynex Semiconductor DIM200PKM33-F000 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SEMICONDUCTOR
DIM200PKM33-F000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
4/10
www.dynexsemi.com
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AIN
Baseplate material:
AlSiC
Creepage distance:
33mm
Clearance:
20mm
CTI (Critical Tracking Index):
175
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Thermal resistance - transistor
Continuous dissipation –
junction to case
-
-
48
°C/kW
Thermal resistance – diode (IGBT
arm)
Rth(j-c)
Thermal resistance- diode ( Diode
arm)
Continuous dissipation –
junction to case
-
-
96
96
°C/kW
°C/kW
Rth(c-h)
Thermal resistance – case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
-
-
16
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
-
Screw torque
Mounting – M6
-
-
5
Nm
Electrical connections – M5
-
-
4
Nm


Número de pieza similar - DIM200PKM33-F000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dynex Semiconductor
DIM200PKM33-F000 DYNEX-DIM200PKM33-F000 Datasheet
357Kb / 8P
   IGBT Chopper Module
DIM200PKM33-F000 DYNEX-DIM200PKM33-F000_11 Datasheet
357Kb / 8P
   IGBT Chopper Module
DIM200PKM33-F000 DYNEX-DIM200PKM33-F000_15 Datasheet
357Kb / 8P
   IGBT Chopper Module
More results

Descripción similar - DIM200PKM33-F000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com