Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WHS17-A000 Datasheet(PDF) 2 Page - Dynex Semiconductor

No. de Pieza. DIM200WHS17-A000
Descripción  Half Bridge IGBT Module
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WHS17-A000 Datasheet(HTML) 2 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM200WHS17-A000
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Test Conditions
Continuous dissipation -
junction to case
Continuous dissipation -
junction to case
Mounting torque 5Nm
(with mounting grease)
Transistor
Diode
-
Mounting - M6
Electrical connections - M4
Parameter
Thermal resistance - transistor (per arm)
Thermal resistance - diode (per arm)
Thermal resistance - case to heatsink
(per module)
Junction temperature
Storage temperature range
Screw torque
THERMAL AND MECHANICAL RATINGS
Internal insulation:
Al
2O3
Clearance:
13mm
Baseplate material: Cu
CTI (Critical Tracking Index): 175
Creepage distance: 24mm
Symbol
R
th(j-c)
R
th(j-c)
R
th(c-h)
T
j
T
stg
-
Units
˚C/kW
˚C/kW
˚C/kW
˚C
˚C
˚C
Nm
Nm
Max.
90
200
15
150
125
125
5
2
Typ.
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
–40
-
-
Test Conditions
V
GE = 0V
-
T
case = 65˚C
1ms, T
case = 110˚C
T
case = 25˚C, Tj = 150˚C
V
R = 0, tp = 10ms, Tvj = 125˚C
Commoned terminals to base plate. AC RMS, 1 min, 50Hz
IEC1287. V
1 = 1800V, V2 = 1300V, 50Hz RMS
Symbol
V
CES
V
GES
I
C
I
C(PK)
P
max
I
2t
V
isol
Q
PD
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device.
In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety precautions
should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
T
case = 25˚C unless stated otherwise
Units
V
V
A
A
W
kA2s
V
PC
Max.
1700
±20
200
400
1390
7.5
4000
10
Parameter
Collector-emitter voltage
Gate-emitter voltage
Continuous collector current
Peak collector current
Max. transistor power dissipation
Diode I2t value
Isolation voltage - per module
Partial discharge - per module


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200PHM33-F000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
IRFK2DE50ISOLATED BASE POWER HEX-PAK ASSEMBLY - HALF BRIDGE CONFIGURATION 1 2 3 4 5 MoreInternational Rectifier
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric
MS5F6015IGBT MODULE 1 2 3 4 5 MoreFuji Electric
MS5F6058IGBT MODULE 1 2 3 4 5 MoreFuji Electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn