Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WHS17-A000 Datasheet(PDF) 4 Page - Dynex Semiconductor

No. de Pieza. DIM200WHS17-A000
Descripción  Half Bridge IGBT Module
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WHS17-A000 Datasheet(HTML) 4 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM200WHS17-A000
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Units
ns
ns
mJ
ns
ns
mJ
µC
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
-
Typ.
590
300
40
320
90
50
2
65
195
42
Min.
-
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 900V,
dI
F/dt = 3000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Gate charge
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
g
Q
rr
I
rr
E
REC
T
case = 125˚C unless stated otherwise
Units
ns
ns
mJ
ns
ns
mJ
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
Typ.
880
410
60
450
110
80
100
195
64
Min.
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 900V,
dI
F/dt = 2500A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
I
rr
E
REC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200PHM33-F000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
IRFK2DE50ISOLATED BASE POWER HEX-PAK ASSEMBLY - HALF BRIDGE CONFIGURATION 1 2 3 4 5 MoreInternational Rectifier
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric
MS5F6015IGBT MODULE 1 2 3 4 5 MoreFuji Electric
MS5F6058IGBT MODULE 1 2 3 4 5 MoreFuji Electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn