Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WKS12-A000 Datasheet(PDF) 6 Page - Dynex Semiconductor

No. de Pieza. DIM200WKS12-A000
Descripción  IGBT Chopper Module - Upper Arm Control
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WKS12-A000 Datasheet(HTML) 6 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DIM200WKS12-A000
6/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Fig. 7 Diode typical forward characteristics
Fig. 8 Reverse bias safe operating area
Fig. 9 Diode reverse bias safe operating area - IGBT and
diode arm
0
50
100
150
200
250
300
350
400
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Forward voltage, VF - (V)
Tj = 25˚C
Tj = 125˚C
VF is measured at power busbars
and not the auxiliary terminals
0
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1000
1200
1400
Collector emitter voltage, Vce - (V)
Tcase = 125˚C
Vge = 15V
Rg = 4.7 Ohms
Module IC
Chip IC
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
1400
Reverse voltage, VR - (V)
Tcase =125˚C
Fig. 10 Transient thermal impedance
1
10
100
1000
0.001
0.01
1
0.1
10
Pulse width, tp - (s)
Diode
Transistor
IGBT
Ri (˚C/KW)
τ
i (ms)
Diode
Ri (˚C/KW)
τ
i (ms)
1
2.10
0.11
4.49
0.10
2
11.62
3.14
25.28
3.21
3
43.85
45.60
74.24
38.58
4
29.53
143.02
90.03
113.97


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS17-A000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric
MS5F6015IGBT MODULE 1 2 3 4 5 MoreFuji Electric
MS5F6058IGBT MODULE 1 2 3 4 5 MoreFuji Electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn