Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WKS17-A000 Datasheet(PDF) 3 Page - Dynex Semiconductor

No. de Pieza. DIM200WKS17-A000
Descripción  IGBT Chopper Module - Upper Arm Control
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WKS17-A000 Datasheet(HTML) 3 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIM200WKS17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
3/8
www.dynexsemi.com
Test Conditions
V
GE = 0V, VCE = VCES
V
GE = 0V, VCE = VCES, Tcase = 125˚C
V
GE = ±20V, VCE = 0V
I
C = 10mA, VGE = VCE
V
GE = 15V, IC = 200A
V
GE = 15V, IC = 200A, , Tcase = 125˚C
DC
t
p = 1ms
I
F = 200A
I
F = 200A, Tcase = 125˚C
V
CE = 25V, VGE = 0V, f = 1MHz
-
-
T
j = 125˚C, VCC = 1000V,
I
1
t
p ≤ 10µs, VCE(max) = VCES – L*. di/dt
I
2
IEC 60747-9
Parameter
Collector cut-off current
(IGBT and Diode arm)
Gate leakage current
Gate threshold voltage
Collector-emitter saturation voltage
Diode forward current
Diode maximum forward current
Diode forward voltage
(IGBT and Diode arm)
Input capacitance
Module inductance - per arm
Internal transistor resistance
Short circuit. I
SC
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise.
Symbol
I
CES
I
GES
V
GE(TH)
V
CE(sat)
I
F
I
FM
V
F
C
ies
L
M
R
INT
SC
Data
Units
mA
mA
µA
V
V
V
A
A
V
V
nF
nH
m
A
A
Max.
1
6
2
6.5
3.4
4.0
200
400
2.5
2.6
-
-
-
-
-
Typ.
-
-
-
5.5
2.7
3.4
-
-
2.2
2.3
15
20
0.23
900
800
Min.
-
-
-
4.5
-
-
-
-
-
-
-
-
-
-
-
Note:
Measured at the power busbars and not the auxiliary terminals.
* L is the circuit inductance + L
M


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200WKS12-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PHM33-F000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS17-A000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn