Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WKS17-A000 Datasheet(PDF) 5 Page - Dynex Semiconductor

No. de Pieza. DIM200WKS17-A000
Descripción  IGBT Chopper Module - Upper Arm Control
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WKS17-A000 Datasheet(HTML) 5 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIM200WKS17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/8
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig. 3 Typical output characteristics
Fig. 4 Typical output characteristics
Fig. 5 Typical switching energy vs collector current
Fig. 6 Typical switching energy vs gate resistance
0
10
20
30
40
50
60
70
80
0
20
40
60
80
100 120
140
160
180
200
Collector current, IC - (A)
Eon
Eoff
Erec
Conditions:
Tc = 125˚C,
Rg = 4.7 ,
Vcc = 900V
0
20
40
60
80
100
120
410
Gate resistance, Rg - (Ohms)
56789
Eon
Eoff
Erec
Conditions:
Tc = 125˚C,
IC = 200A,
Vcc = 900V
0
100
50
150
200
250
300
350
400
0.5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
Collector-emitter voltage, Vce - (V)
Common emitter.
Tcase = 25˚C
Vce is measured at power busbars
and not the auxiliary terminals
VGE = 20V
15V
12V
10V
0
150
100
50
200
250
300
350
400
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Collector-emitter voltage, Vce - (V)
Common emitter.
Tcase = 125˚C
Vce is measured at power busbars
and not the auxiliary terminals
VGE = 20V
15V
12V
10V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200WKS12-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PHM33-F000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS17-A000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn