Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DIM200WLS12-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

No. de Pieza. DIM200WLS12-A000
Descripción  IGBT Chopper Module - Lower Arm Control
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo 

DIM200WLS12-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM200WLS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/8
www.dynexsemi.com
Replaces February 2004 version, issue FDS5697-2.0
FDS5697-3.0 June 2004
FEATURES
I 10
µs Short Circuit Withstand
I Non Punch Through Silicon
I Isolated Copper Baseplate
APPLICATIONS
I Choppers
I Motor Controllers
I Induction Heating
I Resonant Converters
I Power Supplies
The Powerline range of high power modules includes half
bridge, chopper, dual, single and bi-directional switch
configurations covering voltages from 600V to 3300V and
currents up to 3600A.
The DIM200WLS12-A000 is a 1200V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
chopper module configured with the lower arm of the bridge
controlled. The IGBT has a wide reverse bias safe operating
area (RBSOA) plus full 10
µs short circuit withstand.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM200WLS12-A000
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
1200V
V
CE(sat)*
(typ)
2.2V
I
C
(max)
200A
I
C(PK)
(max)
400A
*(Measured at the power busbars and not the auxiliary terminals)
DIM200WLS12-A000
IGBT Chopper Module - Lower Arm Control
Fig. 1 Chopper circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: W
(See package details for further information)
3(K)
1(A,C2)
2(E2)
6(G2)
7(E2)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200WKS12-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200WKS17-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PHM33-F000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS17-A000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn