Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7483AARQZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADT7483AARQZ-REEL7
Descripción Electrónicos  Dual Channel Temperature Sensor and Over Temperature Alarm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADT7483AARQZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADT7483AARQZ-REEL7 Datasheet HTML 1Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 2Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 3Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 4Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 5Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 6Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 7Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 8Page - Analog Devices ADT7483AARQZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual Channel Temperature Sensor
and Over Temperature Alarm
ADT7483A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
1 local and 2 remote temperature sensors
0.25°C resolution/1°C accuracy on remote channels
1°C resolution/1°C accuracy on local channel
Extended, switchable temperature measurement range
0°C to 127°C (default) or –64°C to +191°C
2-wire SMBus serial interface with SMBus alert support
Programmable over/under temperature limits
Offset registers for system calibration
Up to 2 overtemperature fail-safe THERM outputs
Small 16-lead QSOP package
240 μA operating current, 5 μA standby current
APPLICATIONS
Desktop and notebook computers
Industrial controllers
Smart batteries
Automotive
Embedded systems
Burn-in applications
Instrumentation
GENERAL DESCRIPTION
The ADT7483A1 is a three-channel digital thermometer and
under/over temperature alarm, intended for use in PCs and
thermal management systems. It can measure the temperature
in two remote locations, for example, the remote thermal diode
in a CPU or GPU, or a discrete diode connected transistor. It can
also measure its own ambient temperature. The temperature of the
remote thermal diode and ambient temperature can be accurately
measured to ±1°C. The temperature measurement range defaults to
0°C to 127°C, compatible with ADM1032, but can be switched
to a wider measurement range, from −64°C to +191°C.
The ADT7483A communicates over a 2-wire serial interface
compatible with system management bus (SMBus) standards.
The SMBus address is set by the ADD0 and ADD1 pins. As
many as nine different SMBus addresses are possible.
An ALERT output signals when the on-chip or remote
temperature is outside the programmed limits. The THERM
output is a comparator output that allows, for example, on/off
control of a cooling fan. The ALERT output can be reconfigured
as a second THERM output, if required.
FUNCTIONAL BLOCK DIAGRAM
11-BIT A-TO-D
CONVERTER
RUN/STANDBY
BUSY
REMOTE 1 AND 2 TEMP
OFFSET REGISTERS
STATUS REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
REMOTE 1 AND 2 TEMP
HIGH LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
THERM LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
THERM LIMIT REGISTER
ONE-SHOT
REGISTER
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
LOCAL TEMPERATURE
VALUE REGISTER
ON-CHIP TEMP
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN-CIRCUIT
SMBus INTERFACE
ADT7483A
12
11
4
3
15
5
2
6
14
VDD
GND
SDATA SCLK
THERM
13
D1+
D1–
D2+
D2–
ALERT/THERM2
1
16
ADD0
ADD1
Figure 1.
1 Protected by U.S. Patents 5,195,827, 5,867,012, 5,982,221, 6,097,239, 6,133,753, 6,169,442, other patents pending.


Número de pieza similar - ADT7483AARQZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADT7483AARQZ-R7 ONSEMI-ADT7483AARQZ-R7 Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
ADT7483AARQZ-RL ONSEMI-ADT7483AARQZ-RL Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
ADT7483AARQZ-RL ONSEMI-ADT7483AARQZ-RL Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
More results

Descripción similar - ADT7483AARQZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
   Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com