Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUC7027 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADUC7027
Descripción Electrónicos  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUC7027 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUC7027 Datasheet HTML 2Page - Analog Devices ADUC7027 Datasheet HTML 3Page - Analog Devices ADUC7027 Datasheet HTML 4Page - Analog Devices ADUC7027 Datasheet HTML 5Page - Analog Devices ADUC7027 Datasheet HTML 6Page - Analog Devices ADUC7027 Datasheet HTML 7Page - Analog Devices ADUC7027 Datasheet HTML 8Page - Analog Devices ADUC7027 Datasheet HTML 9Page - Analog Devices ADUC7027 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 6 of 92
SPECIFICATIONS
AVDD = IOVDD = 2.7 V to 3.6 V, VREF = 2.5 V internal reference, fCORE = 41.78 MHz, TA = 40°C to 125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
Eight acquisition clocks and fADC/2
ADC Power-Up Time
5
μs
DC Accuracy1, 2
Resolution
12
Bits
Integral Nonlinearity
±0.6
±1.0
±1.5
LSB
LSB
2.5 V internal reference
1.0 V external reference
Differential Nonlinearity3, 4
±0.5
+0.7/−0.6
+1/−0.9
LSB
LSB
2.5 V internal reference
1.0 V external reference
DC Code Distribution
1
LSB
ADC input is a dc voltage
ENDPOINT ERRORS5
Offset Error
±1
±2
LSB
Offset Error Match
±1
LSB
Gain Error
±2
±5
LSB
Gain Error Match
±1
LSB
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave, fSAMPLE = 1 MSPS
Signal-to-Noise Ratio (SNR)
69
dB
Includes distortion and noise components
Total Harmonic Distortion (THD)
−78
dB
Peak Harmonic or Spurious Noise
−75
dB
Channel-to-Channel Crosstalk
−80
dB
Measured on adjacent channels
ANALOG INPUT
Input Voltage Ranges
Differential Mode
VCM6
±VREF/2
V
Single-Ended Mode
0 to VREF
V
Leakage Current
±1
±6
μA
Input Capacitance
20
pF
During ADC acquisition
ON-CHIP VOLTAGE REFERENCE
0.47 μF from VREF to AGND
Output Voltage
2.5
V
Accuracy
±5
mV
TA = 25°C
Reference Temperature Coefficient
±40
ppm/°C
Power Supply Rejection Ratio
75
dB
Output Impedance
70
Ω
TA = 25°C
Internal VREF Power-On Time
1
ms
EXTERNAL REFERENCE INPUT7
Input Voltage Range
0.625
AVDD
V
Input Impedance
65
DAC CHANNEL SPECIFICATIONS
RL = 5 k
Ω, C
L
= 100 pF
DC ACCURACY8
Resolution
12
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Offset Error
±15
mV
2.5 V internal reference
Gain Error9
±1
%
Gain Error Mismatch
0.1
%
% of full scale on DAC0


Número de pieza similar - ADUC7027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC7027AST62 AD-ADUC7027AST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7027AST62 AD-ADUC7027AST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7027BST62 AD-ADUC7027BST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7027BST62 AD-ADUC7027BST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADuC7027BSTZ62 AD-ADuC7027BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Descripción similar - ADUC7027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com