Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5371BSTZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD5371BSTZ
Descripción Electrónicos  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5371BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD5371BSTZ Datasheet HTML 1Page - Analog Devices AD5371BSTZ Datasheet HTML 2Page - Analog Devices AD5371BSTZ Datasheet HTML 3Page - Analog Devices AD5371BSTZ Datasheet HTML 4Page - Analog Devices AD5371BSTZ Datasheet HTML 5Page - Analog Devices AD5371BSTZ Datasheet HTML 6Page - Analog Devices AD5371BSTZ Datasheet HTML 7Page - Analog Devices AD5371BSTZ Datasheet HTML 8Page - Analog Devices AD5371BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 3 of 25
General Description
The AD5371 contains 40, 14-bit DACs in a single, 80-lead,
LQFP package. It provides buffered voltage outputs with a span
4 times the reference voltage. The gain and offset of each DAC
can be independently trimmed to remove errors. For even
greater flexibility, the device is divided into blocks of 8 DACs,
and the output range of each block can be independently
adjusted by an offset DAC. Group 0 can be adjusted by Offset
DAC 0, group 1 can be adjusted by Offset DAC 1 and group 2 to
group 4 can be adjusted by Offset DAC 2.
The AD5371 offers guaranteed operation over a wide supply
range with VSS from -4.5 V to -16.5 V and VDD from +8 V to
+16.5 V. The output amplifier headroom requirement is 1.4 V
operating with a load current of 1 mA.
The AD5371 has a high-speed serial interface, which is
compatible with SPI®, QSPI™, MICROWIRE™, and DSP
interface standards and can handle clock speeds of up to 50
MHz. It also has a 100 MHz Low Voltage Differential Signaling
(LVDS) serial interface compliant with EIA-644 specification.
The DAC outputs are updated on reception of new data into the
DAC registers. All the outputs can be updated simultaneously
by taking the LDAC input low. Each channel has a program-
mable gain and an offset adjust register.
Each DAC output is amplified and buffered on-chip with
respect to an external SIGGND input. The DAC outputs can
also be switched to SIGGND via the CLR pin.
Table 1. High Channel Count Bipolar DACs
Model
Resolution
Nominal Output Span
Output
Channels
Linearity Error
(LSB)
Package Description
Package Option
AD5360BCPZ
16 Bits
4 × V REF (20 V)
16
±4
56-Lead LFCSP
CP-56
AD5360BSTZ
16 Bits
4 × V REF (20 V)
16
±4
52-Lead LQFP
ST-52
AD5361BCPZ
14 Bits
4 × V REF (20 V)
16
±1
56-Lead LFCSP
CP-56
AD5361BSTZ
14 Bits
4 × V REF (20 V)
16
±1
52-Lead LQFP
ST-52
AD5362BCPZ
16 Bits
4 × V REF (20 V)
8
±4
56-Lead LFCSP
CP-56
AD5362BSTZ
16 Bits
4 × V REF (20 V)
8
±4
52-Lead LQFP
ST-52
AD5363BCPZ
14 Bits
4 × V REF (20 V)
8
±1
56-Lead LFCSP
CP-56
AD5363BSTZ
14 Bits
4 × V REF (20 V)
8
±1
52-Lead LQFP
ST-52
AD5370BCPZ
16 Bits
4 × V REF (12 V)
40
±4
64-Lead LFCSP
CP-64
AD5370BSTZ
16 Bits
4 × V REF (12 V)
40
±4
64-Lead LQFP
ST-64
AD5371BCPZ
14 Bits
4 × V REF (12 V)
40
±1
100-Ball CSPBGA
BC-100-2
AD5371BSTZ
14 Bits
4 × V REF (12 V)
40
±1
80-Lead LQFP
ST-80
AD5372BCPZ
16 Bits
4 × V REF (12 V)
32
±4
56-Lead LFCSP
CP-56
AD5372BSTZ
16 Bits
4 × V REF (12 V)
32
±4
64-Lead LQFP
ST-64
AD5373BCPZ
14 Bits
4 × V REF (12 V)
32
±1
56-Lead LFCSP
CP-56
AD5373BSTZ
14 Bits
4 × V REF (12 V)
32
±1
64-Lead LQFP
ST-64


Número de pieza similar - AD5371BSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD537 AD-AD537 Datasheet
179Kb / 8P
   Integrated Circuit Voltage-to-Frequency Converter
REV. C
AD537 AD-AD537 Datasheet
722Kb / 9P
   Integrated Circuit Voltage-to.Frequency Converter
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370BSTZ AD-AD5370BSTZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
More results

Descripción similar - AD5371BSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com