Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5532BBC-1 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD5532BBC-1
Descripción Electrónicos  32-Channel Precision Infinite Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5532BBC-1 Datasheet(HTML) 2 Page - Analog Devices

  AD5532BBC-1 Datasheet HTML 1Page - Analog Devices AD5532BBC-1 Datasheet HTML 2Page - Analog Devices AD5532BBC-1 Datasheet HTML 3Page - Analog Devices AD5532BBC-1 Datasheet HTML 4Page - Analog Devices AD5532BBC-1 Datasheet HTML 5Page - Analog Devices AD5532BBC-1 Datasheet HTML 6Page - Analog Devices AD5532BBC-1 Datasheet HTML 7Page - Analog Devices AD5532BBC-1 Datasheet HTML 8Page - Analog Devices AD5532BBC-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD5533B–SPECIFICATIONS
(VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V;
DVCC = 2.7 V to 5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V; OFFS_IN = 0 V;
Output Range from VSS + 2 V to VDD – 2 V. All outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
1
B Version
2
Unit
Conditions/Comments
ANALOG CHANNEL
VIN to VOUT Nonlinearity
±0.006
% typ
Input Range 100 mV to 2.96 V
±0.018
% max
After Gain and Offset Adjustment
Total Unadjusted Error (TUE)
±2.5
mV typ
See TPC 6.
±12
mV
max
Gain
3.51/3.52/3.53
min/typ/max
Offset Error
±1
mV typ
See TPC 2.
±10
mV
max
ANALOG INPUT (VIN)
Input Voltage Range
0 to 3
V
Nominal Input Range
Input Lower Dead Band
70
mV max
50 mV typ. Referred to VIN.
See Figure 5.
Input Upper Dead Band
40
mV max
12 mV typ. Referred to VIN.
See Figure 5.
Input Current
1
µA max
100 nA typ. VIN acquired on
one channel.
Input Capacitance
3
20
pF typ
ANALOG INPUT (OFFS_IN)
Input Voltage Range
0/4
V min/max
Output Range Restricted from
VSS + 2 V to VDD – 2 V
Input Current
1
µA max
100 nA typ
VOLTAGE REFERENCE
REF_IN
Nominal Input Voltage
3.0
V
Input Voltage Range
3
2.85/3.15
V min/max
Input Current
1
µA max
<1 nA typ
REF_OUT
Output Voltage
3
V typ
Output Impedance
3
280
k
typ
Reference Temperature Coefficient
3
60
ppm/
°C typ
ANALOG OUTPUTS (VOUT 0–31)
Output Temperature Coefficient
3, 4
10
ppm/
°C typ
DC Output Impedance
0.5
typ
Output Range
VSS + 2/VDD – 2
V min/max
100
µA Output Load
Resistive Load
3, 5
5
k
min
Capacitive Load
3, 5
100
pF max
Short-Circuit Current
3
7
mA typ
DC Power Supply Rejection Ratio
3
–70
dB typ
VDD = +15 V
± 5%
–70
dB typ
VSS = –15 V
± 5%
DC Crosstalk
3
250
µV max
Outputs Loaded
ANALOG OUTPUT (OFFS_OUT)
Output Temperature Coefficient
3, 4
10
ppm/
°C typ
DC Output Impedance
3
1.3
k
typ
Output Range
50 to REF_IN – 12
mV typ
Output Current
10
µA max
Source Current
Capacitive Load
100
pF max
DIGITAL INPUTS
3
Input Current
±10
µA max
5
µA typ
Input Low Voltage
0.8
V max
DVCC = 5 V
± 5%
0.4
V max
DVCC = 3 V
± 10%
Input High Voltage
2.4
V min
DVCC = 5 V
± 5%
2.0
V min
DVCC = 3 V
± 10%
Input Hysteresis (
SCLK and CS Only)
200
mV typ
Input Capacitance
10
pF max


Número de pieza similar - AD5532BBC-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5532BBC-1 AD-AD5532BBC-1 Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
More results

Descripción similar - AD5532BBC-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com