Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM1230BRWZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADUM1230BRWZ
Descripción Electrónicos  Isolated Half-Bridge Driver, 0.1 A Amp Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM1230BRWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1230BRWZ Datasheet HTML 4Page - Analog Devices ADUM1230BRWZ Datasheet HTML 5Page - Analog Devices ADUM1230BRWZ Datasheet HTML 6Page - Analog Devices ADUM1230BRWZ Datasheet HTML 7Page - Analog Devices ADUM1230BRWZ Datasheet HTML 8Page - Analog Devices ADUM1230BRWZ Datasheet HTML 9Page - Analog Devices ADUM1230BRWZ Datasheet HTML 10Page - Analog Devices ADUM1230BRWZ Datasheet HTML 11Page - Analog Devices ADUM1230BRWZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADuM1230
Rev. A | Page 10 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013-AA
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
16
9
8
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
10.50 (0.4134)
10.10 (0.3976)
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
0.33 (0.0130)
0.20 (0.0079)
COPLANARITY
0.10
Figure 15. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
No. of
Channels
Output Peak
Current (A)
Output
Voltage (V)
Temperature Range
Package Description
Package
Option
ADuM1230BRWZ1
2
0.1
15
−40°C to +105°C
16-Lead SOIC_W
RW-16
ADuM1230BRWZ-RL1
2
0.1
15
−40°C to +105°C
16-Lead SOIC_W,
13-inch Tape and Reel Option
(1, 000 Units)
RW-16
1 Z = Pb-free part.


Número de pieza similar - ADUM1230BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1233 AD-ADUM1233 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
More results

Descripción similar - ADUM1230BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
   Galvanically isolated 4 A half-bridge gate driver
July 2022 - Rev 3
logo
Analog Devices
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com