Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5612YKSZ-2500RL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD5612YKSZ-2500RL7
Descripción Electrónicos  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5612YKSZ-2500RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5612YKSZ-2500RL7 Datasheet HTML 1Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 2Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 3Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 4Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 5Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 6Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5612YKSZ-2500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs® with
I2C®-Compatible Interface, Tiny SC70 Package
AD5602/AD5612/AD5622
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single 8-, 10-, 12-bit DACs, 2 LSB INL
6-lead SC70 package
Micropower operation: 100 μA max @ 5 V
Power-down to <150 nA @ 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to 0 V with brownout detection
3 power-down functions
I2C-compatible serial interface supports standard (100 kHz),
fast (400 kHz), and high speed (3.4 MHz) modes
On-chip output buffer amplifier, rail-to-rail operation
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
AD5602/AD5612/AD5622
VDD
VOUT
GND
POWER-ON
RESET
DAC
REGISTER
8-/10-/12-BIT
DAC
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
OUTPUT
BUFFER
RESISTOR
NETWORK
REF(+)
SCL
SDA
ADDR
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5601/AD5611/AD5621
2.7 V to 5.5 V, <100 μA, 8-, 10-, 12-bit
nanoDAC with SPI® interface in a
tiny SC70 package
GENERAL DESCRIPTION
The AD5602/AD5612/AD5622, members of the nanoDAC
family, are single 8-, 10-, 12-bit buffered voltage-out DACs that
operate from a single 2.7 V to 5.5 V supply, consuming <100 μA
at 5 V. These DACs come in tiny SC70 packages. Each DAC
contains an on-chip precision output amplifier that allows rail-
to-rail output swing to be achieved.
The AD5602/AD5612/AD5622 use a 2-wire I2C-compatible
serial interface that operates in standard (100 kHz), fast
(400 kHz), and high speed (3.4 MHz) modes.
The references for AD5602/AD5612/AD5622 are derived from
the power supply inputs to give the widest dynamic output range.
Each part incorporates a power-on reset circuit that ensures the
DAC output powers up to 0 V and remains there until a valid
write takes place to the device. The parts contain a power-down
feature that reduces the current consumption of the devices to
<150 nA at 3 V and provides software-selectable output loads
while in power-down mode. The parts are put into power-down
mode over the serial interface. The low power consumption of
the AD5602/AD5612/AD5622 in normal operation makes them
ideally suited for use in portable battery-operated equipment. The
typical power consumption is 0.4 mW at 5 V.
PRODUCT HIGHLIGHTS
1.
Available in a 6-lead SC70 package.
2.
Maximum 100 μA power consumption, single-supply
operation. These parts operate from a single 2.7 V to 5.5 V
supply, typically consuming 0.2 mW at 3 V and 0.4 mW at
5 V, making them ideal for battery-powered applications.
3.
The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a typical slew rate of
0.5 V/μs.
4.
Reference derived from the power supply.
5.
Standard, fast, and high speed mode I2C interface.
6.
Designed for very low power consumption.
7.
Power-down capability. When powered down, the DAC
typically consumes <150 nA at 3 V.
8.
Power-on reset and brownout detection.


Número de pieza similar - AD5612YKSZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD5611 AD-AD5611 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5611 AD-AD5611 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Descripción similar - AD5612YKSZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com