Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N25X Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

No. de pieza 4N25X
Descripción Electrónicos  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISOCOM [ISOCOM COMPONENTS]
Página de inicio  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

4N25X Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  4N25X Datasheet HTML 1Page - ISOCOM COMPONENTS 4N25X Datasheet HTML 2Page - ISOCOM COMPONENTS 4N25X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5/2/03
OPTION G
7.62
0.26
0.5
Dimensions in mm
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
0.26
7.62
6.62
0.5
APPROVALS
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
l
Certified to EN60950 by the following
Test Bodies :-
Nemko - Certificate No. P01102464
Fimko - Certificate No. FI18166
Semko - Reference No. 0202037/01-22
Demko - Certificate No. 311158-01
l
BSI approved - Cetificate No. 8001
DESCRIPTION
The 4N25, 4N26, 4N27, 4N28 series of optically
coupled isolators consist of infrared light
emitting diode and NPN silicon photo transistor
in a standard 6 pin dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
OPTICALLY COUPLED
ISOLATOR
PHOTOTRANSISTOR OUTPUT
1
3
4
6
2
5
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Collector-base Voltage BV
CBO
70V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
160mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
10.46
9.86
DB91028m-AAS/A4
0.6
0.1
1.25
0.75
4N25X, 4N26X, 4N27X, 4N28X
4N25, 4N26, 4N27, 4N28


Número de pieza similar - 4N25X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Descripción similar - 4N25X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CQY80X ETC-CQY80X Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-1X ETC-CNY17-1X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8100 ETC-MOC8100 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com