Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP2892 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza NCP2892
Descripción Electrónicos  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2892 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2892 Datasheet HTML 1Page - ON Semiconductor NCP2892 Datasheet HTML 2Page - ON Semiconductor NCP2892 Datasheet HTML 3Page - ON Semiconductor NCP2892 Datasheet HTML 4Page - ON Semiconductor NCP2892 Datasheet HTML 5Page - ON Semiconductor NCP2892 Datasheet HTML 6Page - ON Semiconductor NCP2892 Datasheet HTML 7Page - ON Semiconductor NCP2892 Datasheet HTML 8Page - ON Semiconductor NCP2892 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP2892 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS Limits apply for TA between −40°C to +85°C (Unless otherwise noted).
Characteristic
Unit
Max
(Note 7)
Typ
Min
(Note 7)
Conditions
Symbol
Thermal Shutdown Temperature (Note 10)
Tsd
140
160
180
°C
Total Harmonic Distortion
THD
Vp = 2.6, F = 1.0 kHz
RL = 4.0 W, AV = 2.0
PO = 0.32 W
Vp = 5.0 V, F = 1.0 kHz
RL = 8.0 W, AV = 2.0
PO = 1.0 W
0.04
0.02
%
7. Min/Max limits are guaranteed by design, test or statistical analysis.
8. This parameter is guaranteed but not tested in production in case of a 5.0 V power supply.
9. See page 12 for a theoretical approach of this parameter.
10. For this parameter, the Min/Max values are given for information.


Número de pieza similar - NCP2892

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Descripción similar - NCP2892

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com