Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP2892 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza NCP2892
Descripción Electrónicos  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2892 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP2892 Datasheet HTML 1Page - ON Semiconductor NCP2892 Datasheet HTML 2Page - ON Semiconductor NCP2892 Datasheet HTML 3Page - ON Semiconductor NCP2892 Datasheet HTML 4Page - ON Semiconductor NCP2892 Datasheet HTML 5Page - ON Semiconductor NCP2892 Datasheet HTML 6Page - ON Semiconductor NCP2892 Datasheet HTML 7Page - ON Semiconductor NCP2892 Datasheet HTML 8Page - ON Semiconductor NCP2892 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP2892 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS Limits apply for TA between −40°C to +85°C (Unless otherwise noted).
Characteristic
Symbol
Conditions
Min
(Note 7)
Typ
Max
(Note 7)
Unit
Supply Quiescent Current
Idd
Vp = 2.6 V, No Load
Vp = 5.0 V, No Load
1.5
1.7
4
mA
Vp = 2.6 V, 8 W
Vp = 5.0 V, 8 W
1.7
1.9
5.5
Common Mode Voltage
Vcm
Vp/2
V
Shutdown Current
ISD
TA = +25°C
TA = −40°C to +85°C
0.01
0.5
1.0
mA
Shutdown Voltage High
VSDIH
1.2
V
Shutdown Voltage Low
VSDIL
0.4
V
Turning On Time (Note 9)
TWU
Cby = 1 mF
90
ms
Turning Off Time
TOFF
1.0
ms
Output Impedance in Shutdown Mode
NCP2892A
NCP2892B
ZSD
100
10
W
k
W
Output Swing
NCP2892A
Vloadpeak
Vp = 2.6 V, RL = 8.0 W
Vp = 5.0 V, RL = 8.0 W (Note 8)
TA = +25°C
TA = −40°C to +85°C
1.6
4.0
3.85
2.12
4.15
V
Output Swing
NCP2892B
Vloadpeak
Vp = 2.6 V, RL = 8.0 W
Vp = 5.0 V, RL = 8.0 W (Note 8)
TA = +25°C
TA = −40°C to +85°C
1.6
4.0
3.85
2.20
4.50
V
Rms Output Power
NCP2892A
PO
Vp = 2.6 V, RL = 4.0 W
THD + N < 0.1%
Vp = 2.6 V, RL = 8.0 W
THD + N < 0.1%
Vp = 5.0 V, RL = 8.0 W
THD + N < 0.1%
0.36
0.28
1.08
W
Rms Output Power
NCP2892B
PO
Vp = 2.6 V, RL = 4.0 W
THD + N < 0.1%
Vp = 2.6 V, RL = 8.0 W
THD + N < 0.1%
Vp = 5.0 V, RL = 8.0 W
THD + N < 0.1%
0.40
0.30
1.20
W
Maximum Power Dissipation (Note 9)
PDmax
Vp = 5.0 V, RL = 8.0 W
0.65
W
Output Offset Voltage
VOS
Vp = 2.6 V
Vp = 5.0 V
−30
30
mV
Signal−to−Noise Ratio
SNR
Vp = 2.6 V, G = 2.0
10 Hz < F < 20 kHz
Vp = 5.0 V, G = 10
10 Hz < F < 20 kHz
84
77
dB
Positive Supply Rejection Ratio
PSRR V+
G = 2.0, RL = 8.0 W
Vpripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
F = 217 Hz
Vp = 5.0 V
Vp = 3.0 V
Vp = 2.6 V
F = 1.0 kHz
Vp = 5.0 V
Vp = 3.0 V
Vp = 2.6 V
−64
−72
−73
−64
−74
−75
dB
Efficiency
h
Vp = 2.6 V, Porms = 320 mW
Vp = 5.0 V, Porms = 1.0 W
48
63
%


Número de pieza similar - NCP2892

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Descripción similar - NCP2892

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com