Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP2990 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza NCP2990
Descripción Electrónicos  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2990 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2990 Datasheet HTML 1Page - ON Semiconductor NCP2990 Datasheet HTML 2Page - ON Semiconductor NCP2990 Datasheet HTML 3Page - ON Semiconductor NCP2990 Datasheet HTML 4Page - ON Semiconductor NCP2990 Datasheet HTML 5Page - ON Semiconductor NCP2990 Datasheet HTML 6Page - ON Semiconductor NCP2990 Datasheet HTML 7Page - ON Semiconductor NCP2990 Datasheet HTML 8Page - ON Semiconductor NCP2990 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP2990
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. THD+N versus Output Power
0.01
0.1
1
10
0
50
100
150
200
250
300
350
POUT (mW)
Figure 3. THD+N versus Output Power
VP = 2.5 V
RL = 8 W
f = 1 kHz
0.01
0.1
1
10
0
100
200
300
400
500
VP = 3.0 V
RL = 8 W
f = 1 kHz
POUT (mW)
Figure 4. THD+N versus Output Power
0.01
0.1
1
10
0
100
200
300
400
500
600
700
800
POUT (mW)
VP = 3.6 V
RL = 8 W
f = 1 kHz
0.01
0.1
1
10
0
200
400
600
800
1000
Figure 5. THD+N versus Output Power
VP = 4.2 V
RL = 8 W
f = 1 kHz
POUT (mW)
Figure 6. THD+N versus Output Power
0.01
0.1
1
10
0
200
400
600
800
1000
1200
1400
1600
POUT (mW)
VP = 5.0 V
RL = 8 W
f = 1 kHz
0.01
0.1
1
10
0
100
200
300
400
500
POUT (mW)
VP = 2.5 V
RL = 4 W
f = 1 kHz
Figure 7. THD+N versus Output Power


Número de pieza similar - NCP2990

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991 ONSEMI-NCP2991 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
More results

Descripción similar - NCP2990

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2892 ONSEMI-NCP2892 Datasheet
158Kb / 16P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 3
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com