Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP2990 Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. NCP2990
Descripción  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP2990 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP2990
http://onsemi.com
2
Figure 1. Typical Audio Amplifier Application Circuit with Single Ended Input
+
+
Vp
INM
Vp
Vp
8
W
OUTA
OUTB
R1
20 k
W
R2
20 k
W
INP
BYPASS
20 k
W
1
mF
47 nF
VM
VM_P
SHUTDOWN
CONTROL
Cbypass
20 k
W
1
mF
Cs
SHUTDOWN
Rf
Ri
Ci
AUDIO
INPUT
VIH
VIL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn