Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP2990 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza NCP2990
Descripción Electrónicos  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2990 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP2990 Datasheet HTML 1Page - ON Semiconductor NCP2990 Datasheet HTML 2Page - ON Semiconductor NCP2990 Datasheet HTML 3Page - ON Semiconductor NCP2990 Datasheet HTML 4Page - ON Semiconductor NCP2990 Datasheet HTML 5Page - ON Semiconductor NCP2990 Datasheet HTML 6Page - ON Semiconductor NCP2990 Datasheet HTML 7Page - ON Semiconductor NCP2990 Datasheet HTML 8Page - ON Semiconductor NCP2990 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP2990
http://onsemi.com
3
PIN DESCRIPTION
Pin
Type
Symbol
Description
A1
I
INM
Negative input of the first amplifier, receives the audio input signal. Connected to the
feedback resistor Rf and to the input resistor Rin.
A2
O
OUTA
Negative output of the NCP2990. Connected to the load and to the feedback resistor Rf.
A3
I
INP
Positive input of the first amplifier, receives the common mode voltage.
B1
I
VM_P
Power Analog Ground.
B2
I
VM
Core Analog Ground.
B3
I
Vp
Positive analog supply of the cell. Range: 2.2 V−5.5 V.
C1
I
BYPASS
Bypass capacitor pin which provides the common mode voltage (Vp/2).
C2
O
OUTB
Positive output of the NCP2990. Connected to the load.
C3
I
SHUTDOWN
The device enters in shutdown mode when a low level is applied on this pin.
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Supply Voltage
Vp
6.0
V
Operating Supply Voltage
Op Vp
2.2 to 5.5 V
2.0 V = Functional Only
Input Voltage
Vin
−0.3 to Vcc +0.3
V
Max Output Current
Iout
500
mA
Power Dissipation (Note 2)
Pd
Internally Limited
Operating Ambient Temperature
TA
−40 to +85
°C
Max Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Thermal Resistance Junction−to−Air
RqJA
(Note 3)
°C/W
ESD Protection
Human Body Model (HBM) (Note 4)
Machine Model (MM) (Note 5)
8000
>250
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = +25°C.
2. The thermal shutdown set to 160
°C (typical) avoids irreversible damage on the device due to power dissipation.
3. The RqJA is highly dependent of the PCB Heatsink area. For example, RqJA can equal 195°C/W with 50 mm
2 total area and also 135
°C/W with
500 mm2. For further information see page 10. The bumps have the same thermal resistance and all need to be connected to optimize the power
dissipation.
4. Human Body Model, 100 pF discharge through a 1.5 k
W resistor following specification JESD22/A114.
5. Machine Model, 200 pF discharged through all pins following specification JESD22/A115.


Número de pieza similar - NCP2990

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991 ONSEMI-NCP2991 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991FCT2G ONSEMI-NCP2991FCT2G Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
More results

Descripción similar - NCP2990

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP2892 ONSEMI-NCP2892 Datasheet
158Kb / 16P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 3
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com