Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP3418B Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. NCP3418B
Descripción  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP3418B Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP3418B
http://onsemi.com
2
Figure 1. Block Diagram
8
1
4
7
5
6
2
3
VCC
DRVH
BST
SWN
DRVL
PGND
OD
IN
TSD
UVLO
VCC
MONITOR
FALLING
EDGE
DELAY
MONITOR
FALLING
EDGE
DELAY
NON−OVERLAP
TIMERS
MIN DRVL
OFF TIMER
START
STOP
PIN DESCRIPTION
SO−8
DFN−10
Symbol
Description
1
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between BST and SW pins holds
this bootstrap voltage for the high−side MOSFET as it is switched. The recommended capacitor value
is between 100 nF and 1.0
mF. An external diode is required with the NCP3418B.
2
2
IN
Logic−Level Input. This pin has primary control of the drive outputs.
3
3
OD
Output Disable. When low, normal operation is disabled forcing DRVH and DRVL low.
4
4
VCC
Input Supply. A 1.0
mF ceramic capacitor should be connected from this pin to PGND.
5
VCC
Input Supply. A 1.0
mF ceramic capacitor should be connected from this pin to PGND.
5
6
DRVL
Output drive for the lower MOSFET.
6
7
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
8
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
9
SWN
Switch Node. Connect to the source of the upper MOSFET.
8
10
DRVH
Output drive for the upper MOSFET.


Html Pages

1  2  3  4  5  6  7  8