Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP4894 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza NCP4894
Descripción Electrónicos  1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4894 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4894 Datasheet HTML 1Page - ON Semiconductor NCP4894 Datasheet HTML 2Page - ON Semiconductor NCP4894 Datasheet HTML 3Page - ON Semiconductor NCP4894 Datasheet HTML 4Page - ON Semiconductor NCP4894 Datasheet HTML 5Page - ON Semiconductor NCP4894 Datasheet HTML 6Page - ON Semiconductor NCP4894 Datasheet HTML 7Page - ON Semiconductor NCP4894 Datasheet HTML 8Page - ON Semiconductor NCP4894 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP4894
http://onsemi.com
4
MAXIMUM RATINGS (Note 2)
Rating
Symbol
Value
Unit
Supply Voltage
VP
6.0
V
Operating Supply Voltage
Op VP
2.2 to 5.5 V
Input Voltage
Vin
−0.3 to Vcc +0.3
V
Max Output Current
Iout
500
mA
Power Dissipation (Note 3)
Pd
Internally Limited
Operating Ambient Temperature
TA
−40 to +85
°C
Max Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Thermal Resistance Junction−to−Air
Micro−10
DFN 3x3 mm
9−Pin Flip−Chip
RqJA
200
70
(Note 4)
°C/W
ESD Protection
Human Body Model (HBM) (Note 5)
Machine Model (MM) (Note 6)
> 2000
> 200
V
Latchup Current at TA = 85°C (Note 7)
100 mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
2. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = +25°C.
3. The thermal shutdown set to 160
°C (typical) avoids irreversible damage on the device due to power dissipation. For further information see
page 6.
4. For the 9−Pin Flip−Chip CSP package, the RqJA is highly dependent of the PCB Heatsink area. For example, RqJA can equal 195°C/W with
50 mm2 total area and also 135
°C/W with 500 mm2. For further information see page 10. The bumps have the same thermal resistance and
all need to be connected to optimize the power dissipation.
5. Human Body Model, 100 pF discharge through a 1.5 k
W resistor following specification JESD22/A114.
6. Machine Model, 200 pF discharged through all pins following specification JESD22/A115.
7. Maximum ratings per JEDEC standard JESD78.


Número de pieza similar - NCP4894

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2 ONSEMI-NCP4894DMR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2G ONSEMI-NCP4894DMR2G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894FCT1G ONSEMI-NCP4894FCT1G Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894MNR2 ONSEMI-NCP4894MNR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
More results

Descripción similar - NCP4894

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com