Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP9002 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NCP9002
Descripción  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP9002 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP9002
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. THD + N versus Power Out
0
200
10
0.001
0.1
Pout, POWER OUT (mW)
Figure 4. THD + N versus Power Out
0
100
200
300
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 4.2 V
RL = 8 W
f = 1 kHz
AV = 2
Vp = 3.2 V
RL = 8 W
f = 1 kHz
AV = 2
Figure 5. THD + N versus Power Out
0
100
200
300
400
10
0.001
0.1
Pout, POWER OUT (mW)
Figure 6. THD + N versus Power Out
0
200
400
600
1200
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 2.5 V
RL = 8 W
f = 1 kHz
AV = 2
Vp = 3.6 V
RL = 4 W
f = 1 kHz
AV = 2
Figure 7. THD + N versus Power Out
1
400
600
800
1000
1200
1
400
700
1
1
0.01
0.01
0.01
800
Figure 8. THD + N versus Power Out
0
200
400
1000
1600
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 5 V
RL = 8 W
f = 1 kHz
AV = 2
1
600
800
1200
0.01
0
100
10
0.001
0.1
Pout, POWER OUT (mW)
Vp = 3.6 V
RL = 8 W
f = 1 kHz
AV = 2
1
200
300
400
500
800
0.01
50
150
250
350
500
600
700
600
1400
1000
0.01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn