Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z86E72 Datasheet(PDF) 67 Page - Zilog, Inc.

No. de pieza Z86E72
Descripción Electrónicos  OTP IR MICROCONTROLLERS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E72 Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button Z86E72 Datasheet HTML 63Page - Zilog, Inc. Z86E72 Datasheet HTML 64Page - Zilog, Inc. Z86E72 Datasheet HTML 65Page - Zilog, Inc. Z86E72 Datasheet HTML 66Page - Zilog, Inc. Z86E72 Datasheet HTML 67Page - Zilog, Inc. Z86E72 Datasheet HTML 68Page - Zilog, Inc. Z86E72 Datasheet HTML 69Page - Zilog, Inc. Z86E72 Datasheet HTML 70Page - Zilog, Inc. Z86E72 Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
1-67
P R E L I M I N A R Y
DS96LVO1100
EXPANDED REGISTER FILE CONTROL REGISTERS (0F) (Continued)
Figure 56. Watch-Dog Timer Mode Register
((F) 0FH: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (0F) FH
WDT TAP
INT RC OSC External Clock
00
5 ms
256 TpC
01
10 ms
512 TpC
10
20 ms
1024 TpC
11
80 ms
4096 TpC
WDT During HALT
0 OFF
1 ON
WDT During STOP
0 OFF
1 ON
XTAL1/INT RC Select for WDT
0 On-Board RC
1 XTAL
Reserved (Must be 0)
* Default Setting After Reset
*
*
*
*
Figure 57. Port Configuration Register (PCON)
((0F) 0H: Write Only)
Reserved (Must be 1)
D7
D6
D5
D4 D3
D2
D1
D0
PCON (0F) 0H
Comparator Output Port 3
0 P34, P37 Standard Output*
1 P34, P37 Comparator Output
* Default Setting After Reset
P37 comparator output only on E72
Figure 58. Port 2 Mode Register
(F6H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
P27-P20 I/O Definition
0 Defines Bit as OUTPUT
1 Defines Bit as INPUT*
R246 P2M
*Default Setting After Reset


Número de pieza similar - Z86E72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
More results

Descripción similar - Z86E72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com