Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 74 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 74 Page - Zilog, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
1-74
P R E L I M I N A R Y
DS96LVO1100
ORDERING INFORMATION
For fast results, contact your local Zilog sales office for assistance in ordering the part desired.
Package
P = Plastic DIP
F = Plastic Quad Flat Pack
V = Plastic Chip Carrier
Temperature
S = 0
°C to +70°C
Speed
16 = 16 MHz
Environmental
C = Plastic Standard
Z86E72/E73
16 MHz
40-Pin DIP
44-Pin PLCC
44-Pin QFP
Z86E7216PSC
Z86E7216VSC
Z86E7216FSC
Z86E7316PSC
Z86E7316VSC
Z86E7316FSC
Example:
Z 86E73 16 P S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is an Z86E73, 16 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn