Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 29 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 29 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-29
1
Figure 22. Expanded Register File Architecture
7
654321
0
Working Register
Group Pointer
Expanded Register
Bank/Group Pointer
FF
FO
7F
0F
00
Z8 Register File**
REGISTER POINTER
FF
FE
FD
FC
FB
FA
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
SPL
SPH
RP
FLAGS
IMR
IRQ
IPR
P01M
P3M
P2M
U
U
0
U
0
0
U
0
0
1
(F) 0F
(F) 0E
(F) 0D
(F) 0C
(F) 0B
(F) 09
(F) 08
(F) 07
(F) 06
(F) 05
(F) 04
(F) 03
(F) 02
(F) 01
(F) 00
WDTMR
SMR
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
1
0
1
UU
U
0
1
101
00
100
0
U
0
REGISTER**
EXPANDED REG. BANK/GROUP (F)
RESET CONDITION
REGISTER**
Z8® STANDARD CONTROL REGISTERS
RESET CONDITION
D7 D6 D5 D4 D3 D2 D1 D0
Reserved
*
*
*
OPT
SMR2
Reserved
Reserved
UU
U
U
U
UU
U
UU
U
UUU
U
U
UU
U
UU
U
UU
UU
U
U
U
UU
U
0
0
00
0
000
0U
U
00
00
0
Reserved
PCON
U
0
*
00
0
0
U
U
UU
UU
UU
U
UUU
UU
UU
UU
U
U
U
U
U
UU
U
UU
REGISTER**
EXPANDED REG. GROUP (0)
RESET CONDITION
(0) 03
P3
(0) 02
P2
(0) 01
P1
(0) 00
P0
U = Unknown
* Will not be reset with a Stop-Mode Recovery
** All addresses are in Hexadecimal
*
*
Will not be reset with a Stop-Mode Recovery, except Bit 0.
Reserved
Reserved
Reserved
Reserved
Reserved
U
0
U0
0
0
U
U
EXPANDED REG. BANK/GROUP (D)
REGISTER**
(D) 0C
(D) 0B
(D) 0A
(D) 09
(D) 08
(D) 07
(D) 06
(D) 05
(D) 04
(D) 03
(D) 02
Reserved
HI8
L08
HI16
L016
TC16H
TC16L
TC8H
TC8L
Reserved
CTR2
RESET CONDITION
U
UU
U
U
U
U
UUU
U
U
U
U
U
U
U
U
0
UUU
UU
U
U
U
U
U
U
U
UU
UUU
U
U
U
U
U
U
U
U
U
U
U
U
U
UU
U
UUU
U
U
U
U
U
UU
UU
U
UU
U
UUU
(D) 01
CTR1
(D) 00
CTR0
0
0
U
UUU
U
U
0
UU
UUUU
Reserved
U
U
U
U
U
U
0
(F) 0A
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn