Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 31 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 31 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-31
1
COUNTER/TIMER REGISTER DESCRIPTION
Register Description
HI8(D)%0B: Holds the captured data from the output of the
8-bit Counter/Timer0. This register is typically used to hold
the number of counts when the input signal is 1.
L08(D)%0A: Holds the captured data from the output of
the 8-bit Counter/Timer0. This register is typically used to
hold the number of counts when the input signal is 0.
HI16(D)%09: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the MS-
Byte of the data.
L016(D)%08: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the LS-
Byte of the data.
TC16H(D)%07: Counter/Timer2 MS-Byte Hold Register.
TC16L(D)%06: Counter/Timer2 LS-Byte Hold Register.
TC8H(D)%05: Counter/Timer8 High Hold Register.
TC8L(D)%04: Counter/Timer8 Low Hold Register.
Table 5. Expanded Register Group D
(D) %0C
Reserved
(D) % 0B
HI8
(D) % 0A
LO8
(D) %09
HI16
(D) %08
LO16
(D) %07
TC16H
(D) %06
TC16L
(D) %05
TC8H
(D) %04
TC8L
(D) %03
Reserved
(D) %02
CTR2
(D) %01
CTR1
(D) %00
CTR0
Field
Bit Position
Value
Description
T8_Capture_HI 76543210
R/W
Captured Data
No Effect
Field
Bit Position
Value
Description
T8_Capture_L0
76543210
R/W
Captured Data
No Effect
Field
Bit Position
Value
Description
T16_Capture_HI
76543210
R/W
Captured
Data
No Effect
Field
Bit Position
Value
Description
T16_Capture_LO 76543210
R/W
Captured Data
No Effect
Field
Bit Position
Value
Description
T16_Data_HI
76543210
R/W
Data
Field
Bit Position
Value
Description
T16_Data_LO
76543210
R/W
Data
Field
Bit Position
Value
Description
T8_Level_HI
76543210
R/W
Data
Field
Bit Position
Value
Description
T8_Level_LO
76543210
R/W
Data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn