Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 34 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 34 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
1-34
P R E L I M I N A R Y
DS96LVO1100
COUNTER/TIMER REGISTER DESCRIPTION (Continued)
CTR1 Register Description
Mode. If it is 0, the Counter/Timers are in the transmit
mode, otherwise they are in the demodulation mode.
P36_Out/Demodulator_Input. In Transmit Mode, this bit
defines whether P36 is used as a normal output pin or the
combined output of T8 and T16.
In Demodulation Mode, this bit defines whether the input
signal to the Counter/Timers is from P20 or P31.
T8/T16_Logic/Edge _Detect. In Transmit Mode, this field
defines how the outputs of T8 and T16 are combined
(AND, OR, NOR, NAND).
In Demodulation Mode, this field defines which edge
should be detected by the edge detector.
Transmit_Submode/Glitch Filter. In Transmit Mode, this
field defines whether T8 and T16 are in the "Ping-Pong"
mode or in independent normal operation mode. Setting
this field to "Normal Operation Mode" terminates the "Ping-
Pong Mode" operation. When set to 10, T16 is immediately
forced to a 0. When set to 11, T16 is immediately forced
to a 1.
In Demodulation Mode, this field defines the width of the
glitch that should be filtered out.
Initial_T8_Out/Rising_Edge. In Transmit Mode, if 0, the
output of T8 is set to 0 when it starts to count. If 1, the out-
put of T8 is set to 1 when it starts to count. When this bit is
set to 1 or 0, T8_OUT will be set to the opposite state of
this bit. This insures that when the clock is enabled a tran-
sition occurs to the initial state set by CTR1, D1.
In Demodulation Mode, this bit is set to 1 when a rising
edge is detected in the input signal. In order to reset it, a 1
should be written to this location.
Initial_T16 Out/Falling _Edge. In Transmit Mode, if it is 0,
the output of T16 is set to 0 when it starts to count. If it is
1, the output of T16 is set to 1 when it starts to count. This
bit is effective only in Normal or Ping-Pong Mode (CTR1,
D3, D2). When this bit is set, T16_OUT will be set to the
opposite state of this bit. This insures that when the clock
is enabled a transition occurs to the initial state set by
CTR1, D0.
In Demodulation Mode, this bit is set to 1 when a falling
edge is detected in the input signal. In order to reset it, a 1
should be written to this location.
Note: Modifying CTR1, (D1 or D0) while the counters are
enabled will cause un-predictable output from T8/T16 out.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn