Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z86E72 Datasheet(PDF) 37 Page - Zilog, Inc.

No. de pieza Z86E72
Descripción Electrónicos  OTP IR MICROCONTROLLERS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E72 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z86E72 Datasheet HTML 33Page - Zilog, Inc. Z86E72 Datasheet HTML 34Page - Zilog, Inc. Z86E72 Datasheet HTML 35Page - Zilog, Inc. Z86E72 Datasheet HTML 36Page - Zilog, Inc. Z86E72 Datasheet HTML 37Page - Zilog, Inc. Z86E72 Datasheet HTML 38Page - Zilog, Inc. Z86E72 Datasheet HTML 39Page - Zilog, Inc. Z86E72 Datasheet HTML 40Page - Zilog, Inc. Z86E72 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-37
1
Input Circuit
The edge detector monitors the input signal on P31 or P20.
Based on CTR1 D5-D4, a pulse is generated at the Pos
Edge or Neg Edge line when an edge is detected. Glitches
in the input signal which have a width less than specified
(CTR1 D3, D2) are filtered out.
T8 Transmit Mode
When T8 is enabled, the output of T8 depends on CTR1,
D1. If it is 0, T8_OUT is 1. If it is 1, T8_OUT is 0.
When T8 is enabled, the output T8_OUT switches to the
initial value (CTR1 D1). If the initial value (CTR1 D1) is 0,
TC8L is loaded, otherwise TC8H is loaded into the
counter. In Single-Pass Mode (CTR0 D6), T8 counts down
to 0 and stops, T8_OUT toggles, the time-out status bit
(CTR0 D5) is set, and a time-out interrupt can be generat-
ed if it is enabled (CTR0 D1) (Figure 33). In Modulo-N
Mode, upon reaching terminal count, T8_OUT is toggled,
but no interrupt is generated. Then T8 loads a new count
(if the T8_OUT level now is 0), TC8L is loaded; if it is 1,
TC8H is loaded. T8 counts down to 0, toggles T8_OUT,
sets the time-out status bit (CTR0 D5) and generates an
interrupt if enabled (CTR0 D1) (Figure 34). This completes
one cycle. T8 then loads from TC8H or TC8L according to
the T8_OUT level, and repeats the cycle.
The user can modify the values in TC8H or TC8L at any
time. The new values take effect when they are loaded.
Care must be taken not to write these registers at the time
the values are to be loaded into the counter/timer, to en-
sure known operation. An initial count of 1 is not allowed (a
non-function will occur). An initial count of 0 will cause TC8
to count from 0 to %FF to %FE (Note, % is used for hexa-
decimal values). Transition from 0 to %FF is not a time-out
condition.
Note: Using the same instructions for stopping the
counter/timers and setting the status bits is not rec-
ommended. Two successive commands, first stopping
the counter/timers, then resetting the status bits is neces-
sary. This is required because it takes one counter/timer
clock interval for the initiated event to actually occur.
Figure 26. 8-Bit Counter/Timer Circuits
Z8 Data Bus
Pos Edge
Neg Edge
CTR0 D2
IRQ4
CTR0 D1
T8_OUT
TC8L
TC8H
Clock
Select
SCLK
CTR0 D4, D3
Clock
8-Bit
Counter T8
HI8
LO8
Z8 Data Bus


Número de pieza similar - Z86E72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
More results

Descripción similar - Z86E72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com