Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 39 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 39 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-39
1
T8 Demodulation Mode
The user should program TC8L and TC8H to %FF. After
T8 is enabled, when the first edge (rising, falling, or both
depending on CTR1 D5, D4) is detected, it starts to count
down. When a subsequent edge (rising, falling, or both de-
pending on CTR1 D5, D4) is detected during counting, the
current value of T8 is one's complemented and put into
one of the capture registers. If it is a positive edge, data is
put into LO8, if negative edge, HI8. One of the edge detect
status bits (CTR1 D1, D0) is set, and an interrupt can be
generated if enabled (CTR0 D2). Meanwhile, T8 is loaded
with %FF and starts counting again. Should T8 reach 0,
the time-out status bit (CTR0 D5) is set, an interrupt can be
generated if enabled (CTR0 D1), and T8 continues count-
ing from %FF (Figure 35).
Figure 29. Demodulation Mode Count Capture Flowchart
T8 (8-Bit)
Count Capture
T8_Enable
(Set By User)
No
Yes
Edge Present
No
Yes
What Kind Of Edge
Pos
T8
→ L08
Neg
T8
→ HI8
%FF
→ T8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn