Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 43 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 43 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-43
1
T16 Demodulation Mode
The user should program TC16L and TC16H to %FF. After
T16 is enabled, when the first edge (rising, falling or both
depending on CTR1, D5, D4) is detected. T16 captures
HI16 and LO16, reloads and begins counting.
If D6 of CTR2 is 0: When a subsequent edge (rising, fall-
ing, or both depending on CTR1 D5, D4) is detected during
counting, the current count in T16 is one's complemented
and put into HI16 and LO16. When data is captured, one
of the edge detect status bits (CTR1 D1, D0) is set and an
interrupt is generated if enabled (CTR2 D2). T16 is loaded
with %FFFF and starts again.
If D6 of CTR2 is 1: T16 ignores the subsequent edges in
the input signal and continues counting down. A time out
of T8 will cause T16 to capture its current value and gen-
erate an interrupt if enabled (CTR2, D2). In this case, T16
does not reload and continues counting. If D6 bit of CTR2
is toggled (by writing a 0 then a 1 to it), T16 will capture and
reload on the next edge (rising, falling, or both depending
on CTR1 D5, D4) but continue to ignore subsequent edg-
es.
Should T16 reach 0, it continues counting from %FFFF;
meanwhile, a status bit (CTR2 D5) is set and an interrupt
time-out can be generated if enabled (CTR2 D1).
Figure 33. T16_OUT in Single-Pass Mode
TC16H*256+TC16L Counts
“Counter Enable” Command,
T16_OUT Switches To Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Time-Out Interrupt
Figure 34. T16_OUT in Modulo-N Mode
TC16H*256+TC16L
“Counter Enable” Command,
T16_OUT Switches To Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Time-Out Interrupt
TC16H*256+TC16L
TC16H*256+TC16L
T16_OUT Toggles,
Time-Out Interrupt
T16_OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn