Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 47 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 47 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-47
1
When more than one interrupt is pending, priorities are re-
solved by a programmable priority encoder controlled by
the Interrupt Priority register. An interrupt machine cycle is
activated when an interrupt request is granted. This dis-
ables all subsequent interrupts, saves the Program
Counter and Status Flags, and then branches to the pro-
gram memory vector location reserved for that interrupt.
All Z86E7X interrupts are vectored through locations in the
program memory. This memory location and the next byte
contain the 16-bit address of the interrupt service routine
for that particular interrupt request. To accommodate
polled interrupt systems, interrupt inputs are masked and
the Interrupt Request register is polled to determine which
of the interrupt requests need service.
An interrupt resulting from AN1 is mapped into IRQ2, and
an interrupt from AN2 is mapped into IRQ0. Interrupts
IRQ2 and IRQ0 may be rising, falling, or both edge trig-
gered, and are programmable by the user. The software
can poll to identify the state of the pin.
Programming bits for the Interrupt Edge Select are located
in the IRQ Register (R250), bits D7 and D6 . The configu-
ration is shown in Table 11.
Clock. The Z86E7X on-chip oscillator has a high-gain,
parallel-resonant amplifier for connection to a crystal, LC,
ceramic resonator, or any suitable external clock source
(XTAL1 = Input, XTAL2 = Output). The crystal should be
AT cut, 1 MHz to 8 MHz maximum, with a series resistance
(RS) less than or equal to 100 Ohms. The Z86L7X on-chip
oscillator may be driven with a cost-effective RC network
or other suitable external clock source.
The crystal should be connected across XTAL1 and
XTAL2 using the recommended capacitors (capacitance
greater than or equal to 22 pF) from each pin to ground.
The RC oscillator configuration is an external resistor con-
nected from XTAL1 to XTAL2, with a frequency-setting ca-
pacitor from XTAL1 to ground (Figure 44).
Table 6. Interrupt Types, Sources, and Vectors
Name
Source
Vector
Location
Comments
IRQ0
/DAV0, IRQ0
0, 1
External
(P32), Rising
Falling Edge
Triggered
IRQ1,
IRQ1
2, 3
External
(P33), Falling
Edge
Triggered
IRQ2
/DAV2, IRQ2,
TIN
4,5
External
(P31), Rising
Falling Edge
Triggered
IRQ3
T16
6, 7
Internal
IRQ4
T8
8, 9
Internal
Table 7. IRQ Register
IRQ
Interrupt Edge
D7
D6
IRQ2 (P31)
IRQ0 (P32)
0
0
1
1
0
1
0
1
F
F
F
R/F
F
R
F
R/F
Notes:
F = Falling Edge
R = Rising Edge
In analog mode, the Stop-Mode Recovery sources selected by
the SMR register are connected to the IRQ1 input. Any of the
Stop-Mode Recovery sources for SMR (except P31, P32, and
P33) can be used to generate IRQ1 (falling edge triggered).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn