Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

Z86E72 Datasheet(PDF) 63 Page - Zilog, Inc.

No. de Pieza. Z86E72
Descripción  OTP IR MICROCONTROLLERS
Descarga  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo 

Z86E72 Datasheet(HTML) 63 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Z86E72/E73
OTP IR Microcontrollers
DS96LVO1100
P R E L I M I N A R Y
1-63
1
Figure 51. T8 and T16 Common Control Functions
((0D) 1H: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
CTR1 (0D) 1H
0 T16_OUT is 0 Initially
1 T16_OUT is 1 Initially
R/W
R
R
W
W
0 No Falling Edge Detection
1 Falling Edge Detection
0 No Effect
1 Reset Flag to 0
0 T8_OUT is 0 Initially
1 T8_OUT is 1 Initially
0 No Rising Edge Detection
1 Rising Edge Detection
0 0 Normal Operation
0 1 Ping-Pong Mode
1 0 T16_OUT = 0
1 1 T16_OUT = 1
Transmit Mode/T8/T16 Logic
0 0 Falling Edge Detection
0 1 Rising Edge Detection
1 0 Both Edge Detection
1 1 Reserved
0 P36 as Port Output*
1 P36 as T8/T16_OUT
0 Transmit Mode*
1 Demodulation Mode
0 0 No Filter
0 1 4 SCLK Cycle Filter
1 0 8 SCLK Cycle Filter
1 1 16 SCLK Cycle Filter
Demodulation Mode
Transmit Mode
Transmit Mode
R/W
Demodulation Mode
R
R
W
W
Transmit Mode
Demodulation Mode
0 0 AND
0 1 OR
1 0 NOR
1 1 NAND
Demodulation Mode
Transmit Mode
0 P31 as Demodulator Input
1 P20 as Demodulator Input
Demodulation Mode
Transmit/Demodulation Modes
0 No Effect
1 Reset Flag to 0
Note: Care must be taken in differentiating
Transmit Mode from Demodulation Mode.
Depending on which of these two modes is
operating, the CTR1 bit will have different
functions.
*Note: Changing from one mode to
another cannot be done without
disabling the counter/timers.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn